Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP20D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GP20D
Description  2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GP20D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GP20D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GP20D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 570 -
GP20A THRU GP20M
2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
Voltage Range
50 to 1000 Volts
Current
2.0 Amperes
Features
High temperature metallurgically bonded construction
Plastic material used carries Underwriters Laboratory
Classification 94V-O
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
2.0 amperes operation at TA=55
oC and with no thermal
runaway
Typical IR less than 0.1 uA
High temperature soldering guaranteed:
350
oC / 10 seconds, 0.375”(9.5mm) lead length, 5 lbs.
(2.3kg) tension
Mechanical Data
Case: JEDEC DO-201 molded plastic over glass body
Lead: Plated axial leads, solderable per MIL-STD-
750, Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.03 ounce, 0.8 gram
DO-201
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
GP
20A
GP
20B
GP
20D
GP
20G
GP
20J
GP
20K
GP
20M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375” (9.5mm) Lead Length at TA=55
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
65
A
Maximum Instantaneous Forward Voltage @2.0A
VF
1.2
1.1
V
Maximum Full Load Reverse Current at Rated DC
Blocking Voltage
IR
5.0
uA
Maximum Full Load Reverse Current, Full Cycle
Average .375”(9.5mm) Lead Length @TA=55
HTIR
100
uA
Typical Reverse Recovery Time (Note 1)
Trr
2.5
uS
Typical Junction Capacitance ( Note 2 )
Cj
40.0
pF
Typical Thermal Resistance (Note 3)
R
θJA
40
℃/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 175
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - GP20D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP20D ZOWIE-GP20D Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP20D GE-GP20D Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP20D MCC-GP20D Datasheet
80Kb / 3P
   2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
TAITRON Components Inco...
GP20D TAITRON-GP20D Datasheet
132Kb / 4P
   2.0A Sintered Glass Passivated Rectifier
logo
Shanghai Lunsure Electr...
GP20D CHENYI-GP20D Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
More results

Similar Description - GP20D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GP30A TSC-GP30A Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
GP15A TSC-GP15A Datasheet
65Kb / 2P
   1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
New Jersey Semi-Conduct...
GP15A NJSEMI-GP15A Datasheet
97Kb / 1P
   1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
GP30A NJSEMI-GP30A Datasheet
94Kb / 1P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
Taiwan Semiconductor Co...
RGP20A TSC-RGP20A Datasheet
72Kb / 2P
   2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
EGP20A TSC-EGP20A Datasheet
70Kb / 2P
   2.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
logo
DIYI Electronic Technol...
RL201G DYELEC-RL201G Datasheet
893Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
2A01G TSC-2A01G Datasheet
59Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
RL201G JGD-RL201G Datasheet
128Kb / 2P
   2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
2A01G TSC-2A01G_10 Datasheet
499Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com