Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP10G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GP10G
Description  1.0 AMP. Glass Passivated Junction Plastic Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GP10G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GP10G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GP10G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 567 -
RATINGS AND CHARACTERISTIC CURVES (GP10A THRU GP10M)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
110
100
25
15
20
5
10
30
NUMBER OF CYCLES AT 60Hz
Tj=Tj max
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
10
1
0.1
0.01
0.001
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
Tj=75 C
0
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
1
10
0.1
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
100
160
180
140
120
80
0
0.4
0.2
0.6
0.8
1.0
AMBIENT TEMPERATURE. ( C)
o
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.375"(9.5m/m) LEAD LENGTH
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.4
4
10
1
40
100
1
8
6
4
2
10
20
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
GP10K-GP10M
GP10A-GP10J


Similar Part No. - GP10G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10G ZOWIE-GP10G Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10G GE-GP10G Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP10G MCC-GP10G Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Vishay Siliconix
GP10G VISHAY-GP10G Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
logo
First Components Intern...
GP10G FCI-GP10G Datasheet
144Kb / 2P
   1.0 Amp MEGARECTIFIERS Mechanical Dimensions
More results

Similar Description - GP10G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
UF1A TSC-UF1A_1 Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
RGP10A TSC-RGP10A Datasheet
67Kb / 2P
   1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
logo
First Components Intern...
HER101G FCI-HER101G Datasheet
91Kb / 2P
   1.0 Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
First Components Intern...
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
   1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
210Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com