Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1160N321B Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1160N321B
Description  3-MODE 200mA LDO REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160N321B Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1160N321B Datasheet HTML 3Page - RICOH electronics devices division R1160N321B Datasheet HTML 4Page - RICOH electronics devices division R1160N321B Datasheet HTML 5Page - RICOH electronics devices division R1160N321B Datasheet HTML 6Page - RICOH electronics devices division R1160N321B Datasheet HTML 7Page - RICOH electronics devices division R1160N321B Datasheet HTML 8Page - RICOH electronics devices division R1160N321B Datasheet HTML 9Page - RICOH electronics devices division R1160N321B Datasheet HTML 10Page - RICOH electronics devices division R1160N321B Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
R1160x
7
GND
OUT
R1160xxx1x
SERIES
VDD
C1
C2
CE
ECO
VIN
A
C1=Tantal 1.0
µF
C2=Tantal 2.2
µF
Fig.3 Supply Current vs. Input Voltage Test Circuit
GND
OUT
R1160xxx1x
SERIES
VDD
C1
C2
CE
ECO
IOUT
=30mA
VOUT
VIN
V
C1=Tantal 1.0
µF
C2=Tantal 2.2
µF
Fig.4 Output Voltage vs. Temperature Test Circuit
GND
OUT
R1160xxx1x
SERIES
VDD
C1
C2
CE
ECO
ISO
VOUT
C1=Tantal 1.0
µF
C2=Tantal 2.2
µF
VIN
A
A
Fig.5 Supply Current vs. Temperature Test Circuit


Similar Part No. - R1160N321B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160N301A-TR-FE RICOH-R1160N301A-TR-FE Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
R1160N301B-TR-FE RICOH-R1160N301B-TR-FE Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
R1160N331A RICOH-R1160N331A Datasheet
1Mb / 27P
   SOT23-5 3-MODE 200mA LDO REGULATOR
R1160N331A-TR RICOH-R1160N331A-TR Datasheet
1Mb / 27P
   SOT23-5 3-MODE 200mA LDO REGULATOR
R1160N331A-TR-FE RICOH-R1160N331A-TR-FE Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
More results

Similar Description - R1160N321B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1160X NISSHINBO-R1160X Datasheet
425Kb / 31P
   3-MODE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160 RICOH-R1160 Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
R1160N RICOH-R1160N Datasheet
1Mb / 27P
   SOT23-5 3-MODE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Nisshinbo Micro Devices...
RP202X NISSHINBO-RP202X Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com