Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1173D471B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1173D471B
Description  Super low on resistance/Low voltage LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1173D471B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1173D471B Datasheet HTML 7Page - RICOH electronics devices division R1173D471B Datasheet HTML 8Page - RICOH electronics devices division R1173D471B Datasheet HTML 9Page - RICOH electronics devices division R1173D471B Datasheet HTML 10Page - RICOH electronics devices division R1173D471B Datasheet HTML 11Page - RICOH electronics devices division R1173D471B Datasheet HTML 12Page - RICOH electronics devices division R1173D471B Datasheet HTML 13Page - RICOH electronics devices division R1173D471B Datasheet HTML 14Page - RICOH electronics devices division R1173D471B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
R1173x
11
3) Dropout Voltage vs. Output Current (Topt
=25°C)
R1173x081x
R1173x151x
0
10
20
30
40
50
60
70
0123456
Input Voltage VIN(V)
0
10
20
30
40
50
60
70
0123456
Input Voltage VIN(V)
R1173x301x
R1173x401x
0
10
20
30
40
50
60
70
0123456
Input Voltage VIN(V)
0
10
20
30
40
50
60
70
0123456
Input Voltage VIN(V)
R1173x501x
0
10
20
30
40
50
60
70
0123456
Input Voltage VIN(V)


Similar Part No. - R1173D471B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173D401B-TR-FE RICOH-R1173D401B-TR-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173D401D-TR-FE RICOH-R1173D401D-TR-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
More results

Similar Description - R1173D471B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com