Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRA1001G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FRA1001G
Description  10 AMPS. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FRA1001G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FRA1001G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FRA1001G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
FRA1001G - FRA1007G
10 AMPS. Glass Passivated Fast Recovery Rectifiers
TO-220AC
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
CASE
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: ITO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, Lead free. Leads
solderable per MIL-STD-202, Method 208
guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260 oC /10 seconds .16”,(4.06mm) from
case.
Mounting position: Any
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FRA
1001G
FRA
1002G
FRA
1003G
FRA
1004G
FRA
1005G
FRA
1006G
FRA
1007G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TC = 55
oC
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage @ 10A
VF
1.3
V
Maximum DC Reverse Current @ TC=25
oC
at Rated DC Blocking Voltage @ TC=125
oC
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 1 ) TJ=25
oC
Cj
60
pF
Typical Thermal Resistance ( Note 3 )
RθJC
3.0
oC/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Case, with Heatsink size 2” x 3” x 0.25” Al-Plate.


Similar Part No. - FRA1001G_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRA1001G ETC1-FRA1001G Datasheet
56Kb / 2P
   10 AMPS Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRA1001G TSC-FRA1001G Datasheet
59Kb / 2P
   10 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FRA1001G LUGUANG-FRA1001G Datasheet
213Kb / 2P
   10.0AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRA1001G_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRA1007G ETC1-FRA1007G Datasheet
56Kb / 2P
   10 AMPS Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRA1001G TSC-FRA1001G Datasheet
59Kb / 2P
   10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G Datasheet
82Kb / 2P
   Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1001G TSC-FR1001G Datasheet
93Kb / 2P
   Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1001G TSC-FRF1001G Datasheet
64Kb / 2P
   Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G_1 Datasheet
264Kb / 2P
   Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1001G TSC-FRF1001G_1 Datasheet
333Kb / 2P
   Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G Datasheet
54Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR201G TSC-FR201G_10 Datasheet
551Kb / 2P
   2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com