Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2772IPE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2772IPE4
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2772IPE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2772IPE4 Datasheet HTML 2Page - Texas Instruments TLV2772IPE4 Datasheet HTML 3Page - Texas Instruments TLV2772IPE4 Datasheet HTML 4Page - Texas Instruments TLV2772IPE4 Datasheet HTML 5Page - Texas Instruments TLV2772IPE4 Datasheet HTML 6Page - Texas Instruments TLV2772IPE4 Datasheet HTML 7Page - Texas Instruments TLV2772IPE4 Datasheet HTML 8Page - Texas Instruments TLV2772IPE4 Datasheet HTML 9Page - Texas Instruments TLV2772IPE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
6
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV277xC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLV2770/1/2
V
= 0,
V
= 0,
25
°C
0.48
2.5
VIO
Input offset voltage
TLV2770/1/2
VIC = 0,
RS = 50 Ω,
VO = 0,
VDD = ±1.35 V,
Full range
0.53
2.7
mV
VIO
Input offset voltage
TLV2773/4/5
RS = 50 Ω,
No load
O
VDD = ±1.35 V,
25
°C
0.8
2.7
mV
TLV2773/4/5
No load
Full range
0.86
2.9
VIO
Temperature coefficient of input
25
°C to
2
V/
°C
αVIO
Temperature coefficient of input
offset voltage
25 C to
125
°C
2
µV/°C
IIO
Input offset current
VIC = 0,
VO = 0,
25
°C
1
60
pA
IIO
Input offset current
VIC = 0,
RS = 50 Ω
VO = 0,
VDD = ±1.35 V
Full range
2
100
pA
IIB
Input bias current
RS = 50 Ω
VDD = 1.35 V
25
°C
2
60
pA
IIB
Input bias current
Full range
6
100
pA
IOH = − 0.675 mA
25
°C
2.6
VOH
High-level output voltage
IOH = − 0.675 mA
Full range
2.5
V
VOH
High-level output voltage
IOH = − 2.2 mA
25
°C
2.4
V
IOH = − 2.2 mA
Full range
2.1
VIC = 1.35 V,
IOL = 0.675 mA
25
°C
0.1
VOL
Low-level output voltage
VIC = 1.35 V,
IOL = 0.675 mA
Full range
0.2
V
VOL
Low-level output voltage
VIC = 1.35 V,
IOL = 2.2 mA
25
°C
0.21
V
VIC = 1.35 V,
IOL = 2.2 mA
Full range
0.6
AVD
Large-signal differential voltage
VIC = 1.35 V,
RL = 10 kΩ,
25
°C
20
380
V/mV
AVD
Large-signal differential voltage
amplification
VIC = 1.35 V,
VO = 0.6 V to 2.1 V
RL = 10 kΩ,
Full range
13
V/mV
ri(d)
Differential input resistance
25
°C
1012
ci(c)
Common-mode input capacitance
f = 10 kHz
25
°C
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
25
CMRR
Common-mode rejection ratio
VIC = 0 to 1.5 V,
VO = VDD/2,
25
°C
60
84
dB
CMRR
Common-mode rejection ratio
VIC = 0 to 1.5 V,
RS = 50 Ω
VO = VDD/2,
Full range
60
82
dB
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 5 V,
VIC = VDD /2,
25
°C
70
89
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 5 V,
No load
VIC = VDD /2,
Full range
70
84
dB
IDD
Supply current (per channel)
VO = VDD/2,
No load
25
°C
1
2
mA
IDD
Supply current (per channel)
VO = VDD/2,
No load
Full range
2
mA
IDD(SHDN)
Supply current in shutdown (per
25
°C
0.8
1.5
µA
IDD(SHDN)
Supply current in shutdown (per
channel)
Full range
1.3
2
µA
Turnon voltage
TLV2770
1.47
V(ON)
Turnon voltage
level
TLV2773
AV = 5
25
°C
1.43
V
V(ON)
level
TLV2775
AV = 5
25 C
1.40
V
Turnoff voltage
TLV2770
1.27
V(OFF)
Turnoff voltage
level
TLV2773
AV = 5
25
°C
1.21
V
V(OFF)
level
TLV2775
AV = 5
25 C
1.20
V
† Full range is 0°C to 70°C.


Similar Part No. - TLV2772IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2772IPE4 TI-TLV2772IPE4 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2772IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2771-Q1 TI1-TLV2771-Q1 Datasheet
974Kb / 45P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X-Q1 TI-TLV277X-Q1 Datasheet
828Kb / 41P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772A-EP TI1-TLV2772A-EP Datasheet
1Mb / 40P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV227X TI-TLV227X Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X Datasheet
918Kb / 54P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-EP TI1-TLV277X-EP Datasheet
1Mb / 42P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com