Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5323K010B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R5323K010B
Description  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323K010B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R5323K010B Datasheet HTML 6Page - RICOH electronics devices division R5323K010B Datasheet HTML 7Page - RICOH electronics devices division R5323K010B Datasheet HTML 8Page - RICOH electronics devices division R5323K010B Datasheet HTML 9Page - RICOH electronics devices division R5323K010B Datasheet HTML 10Page - RICOH electronics devices division R5323K010B Datasheet HTML 11Page - RICOH electronics devices division R5323K010B Datasheet HTML 12Page - RICOH electronics devices division R5323K010B Datasheet HTML 13Page - RICOH electronics devices division R5323K010B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
R5323x
10
3) Dropout Voltage vs. Temperature
1.5V (VR1)
1.5V (VR2)
0.6
0.5
0.4
0.3
0.2
0.1
0
Output Current IOUT(mA)
0
25
50
100
125
150
75
Topt= 85
°C
25
°C
-40
°C
0.6
0.5
0.4
0.3
0.2
0.1
0
0
25
50
100
125
150
75
Output Current IOUT(mA)
Topt= 85
°C
25
°C
-40
°C
2.8V (VR1)
2.8V (VR2)
0.4
0.35
0.25
0.3
0.2
0.15
0.1
0.05
0
0
25
50
100
125
150
75
Output Current IOUT(mA)
Topt= 85
°C
25
°C
-40
°C
0.4
0.35
0.25
0.3
0.2
0.15
0.1
0.05
0
0
25
50
100
125
150
75
Output Current IOUT(mA)
Topt= 85
°C
25
°C
-40
°C
4.0V (VR1)
4.0V (VR2)
0.4
0.35
0.25
0.3
0.2
0.15
0.1
0.05
0
0
25
50
100
125
150
75
Output Current IOUT(mA)
Topt= 85
°C
25
°C
-40
°C
0.4
0.35
0.25
0.3
0.2
0.15
0.1
0.05
0
0
25
50
100
125
150
75
Output Current IOUT(mA)
Topt= 85
°C
25
°C
-40
°C


Similar Part No. - R5323K010B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A RICOH-R5323N001A Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A-TR RICOH-R5323N001A-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B RICOH-R5323N001B Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B-TR RICOH-R5323N001B-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
More results

Similar Description - R5323K010B

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com