Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1161D221A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1161D221A
Description  3-MODE 300mA LDO REGULATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161D221A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1161D221A Datasheet HTML 1Page - RICOH electronics devices division R1161D221A Datasheet HTML 2Page - RICOH electronics devices division R1161D221A Datasheet HTML 3Page - RICOH electronics devices division R1161D221A Datasheet HTML 4Page - RICOH electronics devices division R1161D221A Datasheet HTML 5Page - RICOH electronics devices division R1161D221A Datasheet HTML 6Page - RICOH electronics devices division R1161D221A Datasheet HTML 7Page - RICOH electronics devices division R1161D221A Datasheet HTML 8Page - RICOH electronics devices division R1161D221A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
R1161x
3
SELECTION GUIDE
The output voltage, the chip enable polarity, package type, and the taping type for the ICs can be selected at
the user's request. The selection can be available by designating the part number as shown below;
R1161xxxxx-xx
Part Number
a b a'c d
Code
Contents
a, a'
Designation of Package Type :
R1161Nxx1x-xx:SOT-23-5 (Mini-mold)
R1161Dxx1x-xx:SON-6,
R1161Dxx2x-xx:HSON-6
b
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 0.8V to 3.3V is possible.
c
Designation of Chip Enable Option :
A:"L" active type.
B:"H" active type.
D:"H" active and with auto discharge function
d
Designation of Taping Type : TR
Refer to Taping Specifications


Similar Part No. - R1161D221A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161D201A-TR-FE RICOH-R1161D201A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D201B-TR-FE RICOH-R1161D201B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D201D-TR-FE RICOH-R1161D201D-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D202A-TR-FE RICOH-R1161D202A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D202B-TR-FE RICOH-R1161D202B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161D221A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com