Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111N261C Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R3111N261C
Description  LOW VOLTAGE DETECTOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111N261C Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R3111N261C Datasheet HTML 4Page - RICOH electronics devices division R3111N261C Datasheet HTML 5Page - RICOH electronics devices division R3111N261C Datasheet HTML 6Page - RICOH electronics devices division R3111N261C Datasheet HTML 7Page - RICOH electronics devices division R3111N261C Datasheet HTML 8Page - RICOH electronics devices division R3111N261C Datasheet HTML 9Page - RICOH electronics devices division R3111N261C Datasheet HTML 10Page - RICOH electronics devices division R3111N261C Datasheet HTML 11Page - RICOH electronics devices division R3111N261C Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
R3111x
8
R3111x45xA/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
4.410
4.500
4.590
V
VHYS
Detector Threshold Hysteresis
0.135
0.225
0.315
V
ISS
Supply Current
VDD
=4.34V
VDD
=6.50V
1.1
1.3
3.3
3.9
µA
VDDH
Maximum Operating Voltage
10
V
Topt
=25°C
0.55
0.70
VDDL
Minimum Operating Voltage
∗Note1
−40°C <
= Topt <
= 85°C
0.65
0.80
V
Nch
VDS
=0.05V, VDD=0.70V
VDS
=0.50V, VDD=1.50V
0.01
1.00
0.05
2.00
mA
IOUT
Output Current (Driver Output Pin)
Pch
VDS
=−2.1V,VDD=8.0V
1.5
3.0
mA
tPLH
Output Delay Time
∗Note2
100
µs
∆−VDET/
∆Topt
Detector Threshold Temperature
Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
R3111x54xA/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
5.292
5.400
5.508
V
VHYS
Detector Threshold Hysteresis
0.162
0.270
0.378
V
ISS
Supply Current
VDD
=5.20V
VDD
=7.40V
1.2
1.4
3.6
4.2
µA
VDDH
Maximum Operating Voltage
10
V
Topt
=25°C
0.55
0.70
VDDL
Minimum Operating Voltage
∗Note1
−40°C <
= Topt <
= 85°C
0.65
0.80
V
Nch
VDS
=0.05V, VDD=0.70V
VDS
=0.50V, VDD=1.50V
0.01
1.00
0.05
2.00
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS
=−2.1V, VDD=8.0V
1.5
3.0
mA
tPLH
Output Delay Time
∗Note2
100
µs
∆−VDET/
∆Topt
Detector Threshold Temperature
Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
∗Note1:Minimum operating voltage means the value of input voltage when output voltage maintains 0.1V or less. (In
the case of Nch Open Drain Output type, the output pin is pulled up with a resistance of 470k
Ω to 5.0V.)
∗Note2:In the case of CMOS Output type: The time interval between the rising edge of VDD input pulse from 0.7V
to (
+VDET)+2.0V and output voltage level becoming to ((+VDET)+2.0V)/2.
In the case of Nch Open Drain Output type: The output pin is pulled up with a resistance of 470k
Ω to
5.0V, the time interval between the rising edge of VDD input pulse from 0.7V to (
+VDET)+2.0V and output
voltage level becoming to 2.5V.


Similar Part No. - R3111N261C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111N261C RICOH-R3111N261C Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111N261C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com