Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP2290L Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP2290L
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP2290L Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP2290L Datasheet HTML 1Page - Power Innovations Ltd TISP2290L Datasheet HTML 2Page - Power Innovations Ltd TISP2290L Datasheet HTML 3Page - Power Innovations Ltd TISP2290L Datasheet HTML 4Page - Power Innovations Ltd TISP2290L Datasheet HTML 5Page - Power Innovations Ltd TISP2290L Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TISP2290L
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
PRODUCT
INFORMATION
1
FEBRUARY 1990 - REVISED SEPTEMBER 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
TELECOMMUNICATION SYSTEM SECONDARY PROTECTION
q
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
q
Planar Passivated Junctions
Low Off-State Current
< 10 µA
q
Rated for International Surge Wave Shapes
q
UL Recognized, E132482
description
The TISP2290L is designed specifically for
telephone equipment protection against lightning
and transients induced by a.c. power lines.
These devices will supress voltage transients
between terminals A and C, B and C, and A and
B.
Transients are initially clipped by zener action
until the voltage rises to the breakover level,
which causes the device to crowbar. The high
crowbar holding current prevents d.c. latchup as
the transient subsides.
DEVICE
V(Z)
V
V(BO)
V
‘2290L
200
290
WAVE SHAPE
STANDARD
ITSP
A
8/20 µs
ANSI C62.41
150
10/160 µs
FCC Part 68
60
10/560 µs
FCC Part 68
45
0.2/310 µs
RLM 88
38
10/700 µs
FTZ R12
VDE 0433
CCITT IX K17/K20
50
50
50
10/1000 µs
REA PE-60
50
These
monolithic
protection
devices
are
fabricated in ion-implanted planar structures to
ensure precise and matched breakover control
and are virtually transparent to the system in
normal operation.
device symbol


Similar Part No. - TISP2290L

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290F3 POINN-TISP2290F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP2290L

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com