Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP2180F3 Datasheet(PDF) 11 Page - Power Innovations Ltd

Part # TISP2180F3
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP2180F3 Datasheet(HTML) 11 Page - Power Innovations Ltd

Back Button TISP2180F3 Datasheet HTML 7Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 8Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 9Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 10Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 11Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 12Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 13Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 14Page - Power Innovations Ltd TISP2180F3 Datasheet HTML 15Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
MARCH 1994 - REVISED SEPTEMBER 1997
TISP2125F3, TISP2150F3, TISP2180F3
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
PRODUCT
INFORMATION
electrical characteristics
The electrical characteristics of a TISP are strongly dependent on junction temperature, TJ. Hence a
characteristic value will depend on the junction temperature at the instant of measurement. The values given
in this data sheet were measured on commercial testers, which generally minimise the temperature rise
caused by testing. Application values may be calculated from the parameters’ temperature curves, the power
dissipated and the thermal response curve (Zθ ).
lightning surge
wave shape notation
Most lightning tests, used for equipment verification, specify a unidirectional sawtooth waveform which has an
exponential rise and an exponential decay. Wave shapes are classified in terms of peak amplitude (voltage
or current), rise time and a decay time to 50% of the maximum amplitude. The notation used for the wave
shape is amplitude, rise time/decay time. A 50A, 5/310 µs wave shape would have a peak current value of
50 A, a rise time of 5 µs and a decay time of 310 µs. The TISP surge current graph comprehends the wave
shapes of commonly used surges.
generators
There are three categories of surge generator type, single wave shape, combination wave shape and circuit
defined. Single wave shape generators have essentially the same wave shape for the open circuit voltage
and short circuit current (e.g. 10/1000 µs open circuit voltage and short circuit current).
Combination
generators have two wave shapes, one for the open circuit voltage and the other for the short circuit current
(e.g. 1.2/50 µs open circuit voltage and 8/20 µs short circuit current) Circuit specified generators usually
equate to a combination generator, although typically only the open circuit voltage waveshape is referenced
(e.g. a 10/700 µs open circuit voltage generator typically produces a 5/310 µs short circuit current). If the
combination or circuit defined generators operate into a finite resistance the wave shape produced is
intermediate between the open circuit and short circuit values.
current rating
When the TISP switches into the on-state it has a very low impedance. As a result, although the surge wave
shape may be defined in terms of open circuit voltage, it is the current wave shape that must be used to
assess the required TISP surge capability. As an example, the CCITT IX K17 1.5 kV, 10/700 µs surge is
changed to a 38 A, 5/310 µs waveshape when driving into a short circuit. Thus the TISP surge current
capability, when directly connected to the generator, will be found for the CCITT IX K17 waveform at 310 µs
on the surge graph and not 700 µs. Some common short circuit equivalents are tabulated below:
Any series resistance in the protected equipment will reduce the peak circuit current to less than the
generators’ short circuit value. A 2 kV open circuit voltage, 50 A short circuit current generator has an
effective output impedance of 40
(2000/50). If the equipment has a series resistance of 25 then the
surge current requirement of the TISP becomes 31 A (2000/65) and not 50 A.
APPLICATIONS INFORMATION
STANDARD
OPEN CIRCUIT
VOLTAGE
SHORT CIRCUIT
CURRENT
CCITT IX K17
1.5 kV, 10/700 µs
38 A, 5/310 µs
CCITT IX K20
1 kV, 10/700 µs
25 A, 5/310 µs
RLM88
1.5 kV, 0.5/700 µs
38 A, 0.2/310 µs
VDE 0433
2.0 kV, 10/700 µs
50 A, 5/200 µs
FTZ R12
2.0 kV, 10/700 µs
50 A, 5/310 µs


Similar Part No. - TISP2180F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180L POINN-TISP2180L Datasheet
126Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP2180F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com