Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5220D281B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R5220D281B
Description  PWM Step-down DC/DC Converter with switch function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5220D281B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R5220D281B Datasheet HTML 2Page - RICOH electronics devices division R5220D281B Datasheet HTML 3Page - RICOH electronics devices division R5220D281B Datasheet HTML 4Page - RICOH electronics devices division R5220D281B Datasheet HTML 5Page - RICOH electronics devices division R5220D281B Datasheet HTML 6Page - RICOH electronics devices division R5220D281B Datasheet HTML 7Page - RICOH electronics devices division R5220D281B Datasheet HTML 8Page - RICOH electronics devices division R5220D281B Datasheet HTML 9Page - RICOH electronics devices division R5220D281B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
R5220x
6
TYPICAL APPLICATION
1
2
3
COUT 10
µF
Lx
GND
4
5
MODE
CE
VIN
VIN
CIN 10
µF
L 4.7
µH
Load
VOUT
6
R5220x
Series
Parts Recommendation
CIN
10
µF Ceramic Capacitor C2012JB0J106K (TDK)
COUT
10
µF Ceramic Capacitor C2012JB0J106K (TDK)
L
4.7
µH VLP5610-4R7(TDK)
External Components
• Set external components such as an inductor, CIN, COUT as close as possible to the IC, in particular,
minimize the wiring to VIN pin and GND pin. If VDD line or GND line’s impedance is high, the internal voltage
level of the IC may fluctuate and the operation may be unstable. Make GND line and VDD line sufficient.
Through the VDD line, the GND line, the inductor, Lx pin, and VOUT line, a large current caused by switching
may flow, therefore, those lines should be sufficient and avoid the cross talk with other sensitive lines. Use
the individual line from the VOUT pin of the IC for the inductor and the capacitor and load.
• Use a low ESR ceramic capacitor COUT/CIN with a capacity of 10µF or more.
• Select an inductor with an inductance range from 4.7µH to 10µH. The internal phase compensation is
secured with these inductance values and COUT value. Choose the inductor with a low DC resistance and
enough permissible current and hard to reach magnetic saturation. In terms of inductance value, choose the
appropriate value with considering the conditions of the input voltage range and the output voltage, and
load current. If the inductance value is too small and the load current is large, the peak current of Lx may
reach the Lx current limit, and the protection against over-current may work.
• The protection circuit against over-current is affected by the self-heating and the heat radiation environment.
Therefore evaluate under the considerable environment of the application.
The performance of power source circuits using these ICs extremely depends upon the peripheral circuits.
Pay attention in the selection of the peripheral circuits. In particular, design the peripheral circuits in a way that
the values such as voltage, current, and power of each component, PCB patterns and the IC do not exceed their
respected rated values.


Similar Part No. - R5220D281B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R52 ETC2-R52 Datasheet
150Kb / 1P
   Socket pins for .055 Diameter Holes
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
   10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
   Nch 525V 5A Power MOSFET
R5207AND ROHM-R5207AND Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R5220D281B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com