Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1172N271B Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1172N271B
Description  SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1172N271B Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1172N271B Datasheet HTML 5Page - RICOH electronics devices division R1172N271B Datasheet HTML 6Page - RICOH electronics devices division R1172N271B Datasheet HTML 7Page - RICOH electronics devices division R1172N271B Datasheet HTML 8Page - RICOH electronics devices division R1172N271B Datasheet HTML 9Page - RICOH electronics devices division R1172N271B Datasheet HTML 10Page - RICOH electronics devices division R1172N271B Datasheet HTML 11Page - RICOH electronics devices division R1172N271B Datasheet HTML 12Page - RICOH electronics devices division R1172N271B Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
R1172x
9
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt
=25°C)
R1172x081x
R1172x151x
VDD=1.4V
VDD=1.5V
VDD=1.6V
VDD=2.0V
VDD=2.8V
0
1500
1000
500
2000
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
0.8
VDD=1.8V
VDD=2.5V
VDD=3.5V
0
1500
1000
500
2000
Output Current IOUT(mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
R1172x301x
R1172x401x
VDD=3.3V
VDD=4.0V
VDD=5.0V
0
1500
1000
500
2000
Output Current IOUT(mA)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
VDD=4.3V
VDD=5.0V
VDD=6.0V
0
1500
1000
500
2000
Output Current IOUT(mA)
0.0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
R1172x501x
VDD=5.3V
VDD=6.0V
0
1500
1000
500
2000
Output Current IOUT(mA)
0.0
3.0
2.0
1.0
4.0
5.0
6.0


Similar Part No. - R1172N271B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172N201A-TR-FE RICOH-R1172N201A-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N201B-TR-FE RICOH-R1172N201B-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N201D-TR-FE RICOH-R1172N201D-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N251A-TR-FE RICOH-R1172N251A-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N251B-TR-FE RICOH-R1172N251B-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
More results

Similar Description - R1172N271B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
logo
Unisonic Technologies
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100_07 Datasheet
707Kb / 15P
   1A Low-Voltage 關Cap LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com