Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5324D003B Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5324D003B
Description  CMOS 3ch-LDOs for RF Unit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324D003B Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5324D003B Datasheet HTML 3Page - RICOH electronics devices division R5324D003B Datasheet HTML 4Page - RICOH electronics devices division R5324D003B Datasheet HTML 5Page - RICOH electronics devices division R5324D003B Datasheet HTML 6Page - RICOH electronics devices division R5324D003B Datasheet HTML 7Page - RICOH electronics devices division R5324D003B Datasheet HTML 8Page - RICOH electronics devices division R5324D003B Datasheet HTML 9Page - RICOH electronics devices division R5324D003B Datasheet HTML 10Page - RICOH electronics devices division R5324D003B Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
R5324D
7
VR3
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 30mA
×0.980
×1.020
V
IOUT
Output Current
VIN
−VOUT=1.0V
100
mA
∆VOUT/∆IOUT
Load Regulation
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 100mA
8
20
mV
VDIF
Dropout Voltage
Refer to Electrical Characteristic by Output Voltage (VR3)
ISS
Supply Current
VIN
−VOUT=1.0V
90
120
µA
Istandby
Supply Current (Standby) VIN
−VOUT=1.0V, VCE=GND
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
VOUT+0.5V <
= VIN <
= 6.0V
IOUT
=30mA
0.02
0.10
%/V
RR
Ripple Rejection
f
=1kHz
f
=10kHz
f
=10kHz (VOUT >
= 2.5V)
sinusoidal Ripple 0.5Vp-p
VIN
−VOUT=1.0V,IOUT=30mA
VOUT <
= 1.7V,VIN−VOUT=1.2V
70
65
60
dB
VIN
Input Voltage
2.0
6.0
V
∆VOUT/∆Topt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
40
mA
RPD
CE Pull-down Resistance
0.7
2.0
5.0
M
VCEH
CE Input Voltage “H”
1.5
6.0
V
VCEL
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW
=10Hz~100kHz
30
µVrms
RLOW
On Resistance of Nch Tr.
for Auto-discharge
(Applied to B version)
VCE
=0V
50
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE (VR3)
Topt
= 25°C
Dropout Voltage VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
VOUT
=1.5
0.24
0.44
VOUT
=1.6
0.22
0.40
VOUT
=1.7
0.21
0.38
1.8 <
= VOUT <
= 2.0
0.20
0.37
2.1 <
= VOUT <
= 2.7
0.18
0.33
2.8 <
= VOUT <
= 4.0
IOUT
=100mA
0.15
0.25


Similar Part No. - R5324D003B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D001A RICOH-R5324D001A Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001A-TR RICOH-R5324D001A-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001B RICOH-R5324D001B Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001B-TR RICOH-R5324D001B-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001X RICOH-R5324D001X Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
More results

Similar Description - R5324D003B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
RICOH electronics devic...
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
logo
Rohm
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com