Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5220D151B Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R5220D151B
Description  PWM Step-down DC/DC Converter with switch function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5220D151B Datasheet(HTML) 3 Page - RICOH electronics devices division

  R5220D151B Datasheet HTML 1Page - RICOH electronics devices division R5220D151B Datasheet HTML 2Page - RICOH electronics devices division R5220D151B Datasheet HTML 3Page - RICOH electronics devices division R5220D151B Datasheet HTML 4Page - RICOH electronics devices division R5220D151B Datasheet HTML 5Page - RICOH electronics devices division R5220D151B Datasheet HTML 6Page - RICOH electronics devices division R5220D151B Datasheet HTML 7Page - RICOH electronics devices division R5220D151B Datasheet HTML 8Page - RICOH electronics devices division R5220D151B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
R5220x
3
PIN CONFIGURATIONS
SON-6
PLP2514-6
Top View
Bottom View
6 5 4
4 5 6
1 2 3
3 2 1
Top View
Bottom View
6
54
12
3
4
5
6
3
2
1
PIN DESCRIPTIONS
Pin No
Symbol
Description
1
Lx
LX Pin Voltage Supply Pin
2
GND
Ground Pin
3
MODE
Mode changer Pin
(Refer to the selection guide above.)
4
CE
Chip Enable Pin (active with "H")
5
VOUT
Output Pin
6
VIN
Voltage Supply Pin
* Tab in the
parts have GND level. (They are connected to the back side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
VIN Supply Voltage
6.5
V
VLX
LX Pin Voltage
−0.3 to VIN+0.3
V
VCE
CE Pin Input Voltage
−0.3 to 6.5
V
VMODE
MODE Pin Input Voltage
−0.3 to 6.5
V
VOUT
VOUT Pin Voltage
−0.3 to VIN+0.3
V
ILX
LX Pin Output Current
600
mA
IOUT
VOUT Pin Output Current
200
mA
Power Dissipation (SON-6)*
500
PD
Power Dissipation (PLP2514-6)*
730
mW
Topt
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +125
°C
*) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.


Similar Part No. - R5220D151B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R52 ETC2-R52 Datasheet
150Kb / 1P
   Socket pins for .055 Diameter Holes
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
   10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
   Nch 525V 5A Power MOSFET
R5207AND ROHM-R5207AND Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R5220D151B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com