Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC22 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SAC22
Description  Low Capacitance Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SAC22 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SAC22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SAC22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SAC22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SAC22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 639 -
Schematic
Diode
Translent
Voltage
Suppressor
Low Capacitance
TVS
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Current
Voltage
Reverse Leakage
Peak Pulse
Clamping
Temperature
(Volts)
(Note 1)
@IT
VWM
at VWM
Current IPPM
Voltage at IPPM
Coefficient
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR mV /
OC)
SAC5.0
7.60
9.21
1.0
5.0
300
44
10.00
50
SAC6.0
7.90
9.51
1.0
6.0
300
41
11.2
50
SAC7.0
8.33
10.2
1.0
7.0
300
38
12.6
50
SAC8.0
8.89
10.9
1.0
8.0
100
36
13.4
50
SAC8.5
9.44
11.5
1.0
8.5
50
34
14.0
50
SAC10
11.10
13.6
1.0
10
5.0
29
16.3
50
SAC12
13.30
16.3
1.0
12
5.0
25
19.0
50
SAC15
16.70
20.4
1.0
15
5.0
20
23.6
50
SAC18
20.00
24.4
1.0
18
5.0
15
28.8
50
SAC22
24.40
29.8
1.0
22
5.0
14
35.4
50
SAC26
28.90
35.3
1.0
26
5.0
11.1
42.3
50
SAC30
33.30
40.7
1.0
30
5.0
10.0
48.6
50
SAC36
40.00
48.9
1.0
36
5.0
8.6
60.0
50
SAC45
50.00
61.1
1.0
45
5.0
6.8
77.0
50
SAC50
55.50
68.3
1.0
50
5.0
5.8
88.0
50
Note: There are A suffix for types SAC 5.0 thru type SAC 50. "A" : + / - 5% tolerance.
Notes:
1.
2. Device must be used with two units in parallel,
opposite in polarity as shown in circuit for AC
signal line protection
Breakdown Voltage
VBR


Similar Part No. - SAC22

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC22 EIC-SAC22 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC22 MERITEK-SAC22 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
StarHope
SAC22 SPSEMI-SAC22 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC22 MICROSEMI-SAC22 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Micro Commercial Compon...
SAC22 MCC-SAC22 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC22

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ULCE6.5A SUNMATE-ULCE6.5A Datasheet
389Kb / 3P
   ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com