Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S4K
Description  4.0 AMPS. Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S4K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S4K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S4K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 468 -
Version: B07
S4A - S4M
4.0 AMPS. Surface Mount Rectifiers
SMC/DO-214AB
.126(3.20)
.114(2.90)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.063(1.6)
.039(1.0)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
.061(1.56)
.050(1.26)
Features
For surface mounted application
Glass passivated junction chip.
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
S4A S4B S4D S4G S4J S4K S4M Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TL =75
oC
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 4.0A
VF
1.15
V
Maximum DC Reverse Current
@ TA =25
oC at Rated DC Blocking Voltage @
TA=125
oC
IR
10
250
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
2.5
uS
Typical Junction Capacitance ( Note 2 )
Cj
60
pF
Typical Thermal Resistance (Note 3)
RθJL
RθJA
13
47
oC /W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Measured on P.C. Board with 0.6” x 0.6” (16mm x 16mm) Copper Pad Areas.


Similar Part No. - S4K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4K TSC-S4K Datasheet
49Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4K TSC-S4K Datasheet
457Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4K TSC-S4K Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4K LUGUANG-S4K Datasheet
237Kb / 2P
   4.0AMPS. Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S4K TMT-S4K Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
More results

Similar Description - S4K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4A TSC-S4A_10 Datasheet
457Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A_11 Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A Datasheet
49Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
MUR405 JGD-MUR405 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Yangzhou yangjie electr...
S2A YANGJIE-S2A Datasheet
696Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
S3A YANGJIE-S3A Datasheet
703Kb / 2P
   3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S5A TSC-S5A_12 Datasheet
192Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S2A LUGUANG-S2A Datasheet
212Kb / 2P
   2.0 AMPS. Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S2AA TSC-S2AA Datasheet
51Kb / 2P
   1.5 AMPS. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com