Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP2072F3 Datasheet(PDF) 6 Page - Power Innovations Ltd

Part # TISP2072F3
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP2072F3 Datasheet(HTML) 6 Page - Power Innovations Ltd

Back Button TISP2072F3 Datasheet HTML 2Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 3Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 4Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 5Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 6Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 7Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 8Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 9Page - Power Innovations Ltd TISP2072F3 Datasheet HTML 10Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TISP2072F3, TISP2082F3
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
6
MARCH 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
T and G, or R and G terminals
Figure 8.
Figure 9.
Figure 10.
OFF-STATE CAPACITANCE
Terminal Voltage (Positive) - V
0·1
1
10
1
10
100
TC2LAB
50
Third Terminal Bias = -50 V
Third Terminal Bias = 0
Third Terminal Bias = 50 V
TERMINAL VOLTAGE (POSITIVE)
vs
OFF-STATE CAPACITANCE
Terminal Voltage (Negative) - V
0·1
1
10
1
10
100
Third Terminal Bias = -50 V
Third Terminal Bias = 0
Third Terminal Bias = 50 V
TC2LAD
50
TERMINAL VOLTAGE (NEGATIVE)
vs
OFF-STATE CAPACITANCE
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
1
10
100
TC2LAH
JUNCTION TEMPERATURE
vs
Third Terminal Bias = 50 V
Terminal Bias = 0
Terminal Bias = 50 V


Similar Part No. - TISP2072F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2082 POINN-TISP2082 Datasheet
124Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP2072F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com