Part Name
         Description
TGC4405

 17 - 27 GHz Upconverter ( 11 Page)


TRIQUINT
100% 
Zoom Out Zoom In
 
 4 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
4
TGC4405
Oct 2006 © Rev -
Table IV
Power Dissipation and Thermal Properties
Parameter
Test Conditions
Value
Notes
Maximum Power Dissipation
Tbaseplate = 70 ºC
Pd = 2.9 W
Tchannel = 150 ºC
Tm = 1.0E+6 Hrs
1/ 2/
Thermal Resistance, θjc
Vd = 5 V
Id = 425 mA
Pd = 2.13 W
θjc = 27.4 (ºC/W)
Tchannel = 128 ºC
Tm = 7E+6 Hrs
Mounting Temperature
30 Seconds
320 ºC
Storage Temperature
-65 to 150 ºC
1/
For a median life of 1E+6 hours, Power Dissipation is limited to
Pd(max) = (150 ºC – Tbase ºC)/θjc.
2/
Channel operating temperature will directly affect the device median time to failure (MTTF). For
maximum life, it is recommended that channel temperatures be maintained at the lowest possible
levels.
Power De-rating Curve
0
1
2
3
4
5
6
7
-50 -25
0
25 50 75 100 125 150 175
Baseplate Temp (C)
Tm= 1.0E+6 Hrs



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD83191 MHz to 10 GHz 40 dB Log Detector/Controller 1 2 3 4 5 MoreAnalog Devices
SCA-14DC-4 GHz Cascadable GaAs HBT MMIC Amplifier 1 2 3 4 5 MoreStanford Microdevices
UPG2162T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
SST12LP102.4 GHz High-Linearity Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
CC2400_072.4 GHz Low-Power RF Transceiver 1 2 3 4 5 MoreTexas Instruments
AD8312_0550 MHz to 3.5 GHz 45 dB RF Detector 1 2 3 4 5 MoreAnalog Devices
SW-106High Power GaAs SPDT Switch DC - 3 GHz 1 2 3 Tyco Electronics
SGB-4533DC - 3 GHz Active Bias Gain Block 1 2 3 4 5 MoreSIRENZA MICRODEVICES
STA-50633.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
6OSC04605.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator 1 2 3 4 5 Mimix Broadband

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl