Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP1072F3 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TISP1072F3
Description  DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP1072F3 Datasheet(HTML) 2 Page - Power Innovations Ltd

  TISP1072F3 Datasheet HTML 1Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 2Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 3Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 4Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 5Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 6Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 7Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 8Page - Power Innovations Ltd TISP1072F3 Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TISP1072F3, TISP1082F3
DUAL ASYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
2
SEPTEMBER 1993 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
description (continued)
These monolithic protection devices are fabricated in ion-implanted planar structures to ensure precise and
matched breakover control and are virtually transparent to the system in normal operation
The small-outline 8-pin assignment has been carefully chosen for these devices to maximise the inter-pin
clearance and creepage distances which are used by standards (e.g. IEC950) to establish voltage withstand
ratings.
absolute maximum ratings
NOTES: 1. Further details on surge wave shapes are contained in the Applications Information section.
2. Initially the TISP must be in thermal equilibrium with 0°C < TJ <70°C. The surge may be repeated after the TISP returns to its initial
conditions.
3. Above 70°C, derate linearly to zero at 150°C lead temperature.
NOTE
4: Further details on capacitance are given in the Applications Information section.
RATING
SYMBOL
VALUE
UNIT
Repetitive peak off-state voltage ( 0°C < TJ <70°C)
‘1072F3
‘1082F3
VDRM
-58
-66
V
Non-repetitive peak on-state pulse current (see Notes 1, 2 and 3)
ITSP
A
1/2 µs (Gas tube differential transient, open-circuit voltage wave shape 1/2 µs)
120
2/10 µs (FCC Part 68, open-circuit voltage wave shape 2/10 µs)
80
8/20 µs (ANSI C62.41, open-circuit voltage wave shape 1.2/50 µs)
70
10/160 µs (FCC Part 68, open-circuit voltage wave shape 10/160 µs)
60
5/200 µs (VDE 0433, open-circuit voltage wave shape 2 kV, 10/700 µs)
50
0.2/310 µs (RLM 88, open-circuit voltage wave shape 1.5 kV, 0.5/700 µs)
38
5/310 µs (CCITT IX K17/K20, open-circuit voltage wave shape 2 kV, 10/700 µs)
50
5/310 µs (FTZ R12, open-circuit voltage wave shape 2 kV, 10/700 µs)
50
10/560 µs (FCC Part 68, open-circuit voltage wave shape 10/560 µs)
45
10/1000 µs (REA PE-60, open-circuit voltage wave shape 10/1000 µs)
35
Non-repetitive peak on-state current (see Notes 2 and 3)
D Package
ITSM
4
A rms
50 Hz,
1 s
P Package
6
SL Package
6
Initial rate of rise of on-state current,
Linear current ramp, Maximum ramp value < 38 A
diT/dt
250
A/µs
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-40 to +150
°C
electrical characteristics for the T and R terminals, 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TISP1072F3
TISP1082F3
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IDRM
Repetitive peak off-
state current
VD = ±VDRM, 0°C < TJ <70°C
±10
±10
µA
ID
Off-state current
VD = ±50 V
±10
±10
µA
Coff
Off-state capacitance
f = 100 kHz,
Vd = 100 mV
VD = 0
(see Note 4)
D Package
0.08
0.5
0.08
0.5
pF
P Package
0.06
0.4
0.06
0.4
pF
SL Package
0.02
0.3
0.02
0.3
pF


Similar Part No. - TISP1072F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP1072F3 BOURNS-TISP1072F3 Datasheet
718Kb / 12P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP1072F3 BOURNS-TISP1072F3_08 Datasheet
718Kb / 12P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP1072F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP1082L POINN-TISP1082L Datasheet
134Kb / 6P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP1082 POINN-TISP1082 Datasheet
248Kb / 11P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Texas Instruments
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030_1998 TI1-TCM1030_1998 Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030 Datasheet
114Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
TCP135K2 MICROSEMI-TCP135K2 Datasheet
184Kb / 3P
   DUAL ASYMMETRICAL TRANSIENT SUPPRESSOR
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com