Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP10B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # RGP10B
Description  1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RGP10B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RGP10B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RGP10B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 575 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (RGP10A THRU RGP10M)
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
30
10
0
20
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
10
0
100
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
1
10
0.1
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
50
75
125
175
150
100
0
0.25
0.75
1.0
0.5
AMBIENT TEMPERATURE. ( C)
o
0.375" (9.5mm) LEAD LENGTH
RESISTIVE OR
INDUCTIVE LOAD
FIG.6- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
10
20
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE
VOLTAGE. (%)
Tj=125 C
0
Tj=75 C
0
Tj=25 C
0


Similar Part No. - RGP10B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10B ZOWIE-RGP10B Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
RGP10B JINANJINGHENG-RGP10B Datasheet
104Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RGP10B VISHAY-RGP10B Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
RGP10B FAIRCHILD-RGP10B Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Gulf Semiconductor
RGP10B GULFSEMI-RGP10B Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - RGP10B

ManufacturerPart #DatasheetDescription
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4942G FORMOSA-1N4942G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR101G UNIOHM-FR101G Datasheet
66Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N4933G UNIOHM-1N4933G Datasheet
73Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
RS1A DGNJDZ-RS1A Datasheet
132Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4933G FORMOSA-1N4933G Datasheet
38Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
1N4933G BYTES-1N4933G Datasheet
160Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR101G GWSEMI-FR101G Datasheet
67Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR101GH FORMOSA-FR101GH Datasheet
61Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1G TSC-F1T1G_1 Datasheet
263Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com