Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5104V007A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5104V007A
Description  Microprocessor power management with Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5104V007A Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5104V007A Datasheet HTML 1Page - RICOH electronics devices division R5104V007A Datasheet HTML 2Page - RICOH electronics devices division R5104V007A Datasheet HTML 3Page - RICOH electronics devices division R5104V007A Datasheet HTML 4Page - RICOH electronics devices division R5104V007A Datasheet HTML 5Page - RICOH electronics devices division R5104V007A Datasheet HTML 6Page - RICOH electronics devices division R5104V007A Datasheet HTML 7Page - RICOH electronics devices division R5104V007A Datasheet HTML 8Page - RICOH electronics devices division R5104V007A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
R5104V
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VDD
Supply Voltage
-0.3~50
V
VPEAK
Peak Input Voltage (*Note 1)
60
V
VCD
Voltage of CD Pin
VSS
−0.3 to 7.5
V
VCTW
Voltage of CTW Pin
VSS
−0.3 to 7.5
V
VOUT
Voltage of VOUT Pin
VSS
−0.3 to 7.5
V
VRESET
Output Voltage
Voltage of RESET Pin
VSS
−0.3 to 7.5
V
VCE
Voltage of CE Pin
VSS
−0.3~VIN+0.3
V
VISENSE
Voltage of ISENSE Pin
VSS
−0.3~VIN+0.3
V
VSCK
Input Voltage
Voltage of SCK Pin
VSS
−0.3~VIN+0.3
V
IEXT
Current of EXT Pin
10
mA
IRESET
Output Current
Current of RESET Pin
20
mA
PD
Power Dissipation
300
mW
Topt
Operating Temperature Range
-40~+125
°C
Tstg
Storage Temperature Range
-55~+140
°C
*Note 1 duration time=200ms
Do not force any voltage more than supply voltage to CD, CTW, VOUT, and RESET pins.
Operational Ratings (Electrical Characteristics)
Application circuits of semiconductors should be designed with operating within the operational ratings of
the semiconductors. Even the noise or surge, if their level is beyond the operational ratings, normal
operation of the semiconductor may not be expected. If the application circuits make the semiconductor
operate beyond the condition of operational ratings, the quality assurance level of the semiconductor
cannot be maintained.
Absolute Maximum Ratings
Absolute maximum ratings are threshold limit values that must not be exceeded even for any moment
under any conditions. More over, such values for any two or more items of the ratings must not be reached
simultaneously. Operation above these absolute maximum ratings may cause degradation or fatal damage
to the device. These mean stress ratings and do not necessarily imply functional operation below these
limits.


Similar Part No. - R5104V007A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R510 POWEREX-R510 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
logo
List of Unclassifed Man...
R510-000-000 ETC2-R510-000-000 Datasheet
34Kb / 2P
   ACCESSORIES For Aluminum Enclosures (Use with series R100, R101 R102)
logo
Powerex Power Semicondu...
R5100110 POWEREX-R5100110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100115 POWEREX-R5100115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100210 POWEREX-R5100210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5104V007A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5101G RICOH-R5101G Datasheet
330Kb / 17P
   Microprocessor power management with Watchdog Timer
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
National Semiconductor ...
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com