Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6408PWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TCA6408PWR
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6408PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA6408PWR Datasheet HTML 7Page - Texas Instruments TCA6408PWR Datasheet HTML 8Page - Texas Instruments TCA6408PWR Datasheet HTML 9Page - Texas Instruments TCA6408PWR Datasheet HTML 10Page - Texas Instruments TCA6408PWR Datasheet HTML 11Page - Texas Instruments TCA6408PWR Datasheet HTML 12Page - Texas Instruments TCA6408PWR Datasheet HTML 13Page - Texas Instruments TCA6408PWR Datasheet HTML 14Page - Texas Instruments TCA6408PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
Reads
0
0
1
S
0
0
0
AD
DR 0
A
A
Data from Register
Slave Address
Slave Address
R/W
ACK From
Slave
Command Byte
S
0
0
1
0
0
0
R/W
1 A
Data
A
Data
Data from Register
NA P
Last Byte
At this moment, master-transmitter
becomes master-receiver, and
slave-receiver becomes
slave-transmitter
ACK From
Slave
ACK From
Slave
ACK From
Master
NACK From
Master
First byte
AD
DR
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
1
9
8
7
6
5
4
3
2
0
0
1
S
0
0
0
AD
DR
0
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
Data 5
t
ph
t
ps
t
ir
t
iv
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
The bus master first must send the TCA6408 address with the least-significant bit set to a logic 0 (see Figure 4
for device address). The command byte is sent after the address and determines which register is accessed.
After a restart, the device address is sent again but, this time, the least-significant bit is set to a logic 1. Data
from the register defined by the command byte then is sent by the TCA6408 (see Figure 8 and Figure 9).
Data is clocked into the register on the rising edge of the ACK clock pulse.
Figure 8. Read From Register
<br/>
A.
Transfer of data can be stopped at any time by a stop condition. When this occurs, data present at the latest
acknowledge phase is valid (output mode). It is assumed that the command byte previously has been set to 00 (read
input port register).
B.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from P port (see Figure 8).
Figure 9. Read Input Port Register
11
Submit Documentation Feedback


Similar Part No. - TCA6408PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408PWR TI-TCA6408PWR Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408PWRG4 TI-TCA6408PWRG4 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6408PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com