Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1212D002A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1212D002A
Description  STEP-UP DC/DC CONTOLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1212D002A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1212D002A Datasheet HTML 2Page - RICOH electronics devices division R1212D002A Datasheet HTML 3Page - RICOH electronics devices division R1212D002A Datasheet HTML 4Page - RICOH electronics devices division R1212D002A Datasheet HTML 5Page - RICOH electronics devices division R1212D002A Datasheet HTML 6Page - RICOH electronics devices division R1212D002A Datasheet HTML 7Page - RICOH electronics devices division R1212D002A Datasheet HTML 8Page - RICOH electronics devices division R1212D002A Datasheet HTML 9Page - RICOH electronics devices division R1212D002A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
R1212D
6
R1212D101A
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
2.2
5.5
V
VFB
VFB Voltage Tolerance
VIN
=3.3V
0.985 1.000 1.015
V
∆VFB/∆VIN VFB Voltage Line Regulation
VIN: from 2.2V to 5.5V
3
mV
∆VFB/
∆Topt
VFB Voltage Temperature
Coefficient
40
°C <
= Topt <
= 85°C
±
150
ppm/
°C
IFB
VFB Input Current
VIN
=5.5V, VFB=0V or 5.5V
−0.1
0.1
µ
A
AV
Open Loop Voltage Gain
VIN
=3.3V
100
dB
fT
Unity Gain Frequency Band
VIN
=3.3V, AV=0
1.0
MHz
fosc
Oscillator Frequency
VIN
=3.3V, VDLY=VFB=0V
595
700
805
KHz
∆fosc/
∆VIN
Oscillator Frequency Line
Regulation
VIN: from 2.2V to 5.5V
50
KHz
∆fosc/
∆Topt
Oscillator Frequency
Temperature Coefficient
40
°C <
= Topt <
= 85°C
±
1.0
KHz/
°C
IDD1
Supply Current 1
VIN
=5.5V, VDLY=VFB=0V EXT at no load
600
1000
µ
A
VREFOUT
VREFOUT Voltage
VIN
=3.3V,IROUT=1mA
1.478 1.500 1.522
V
IOUT
VREFOUT Maximum Output
Current
VIN
=3.3V
10
mA
∆VREFOUT/
∆VIN
VREFOUT Line Regulation
VIN: from 2.2V to 5.5V
5
10
mV
∆VREFOUT/
∆IROUT
VREFOUT Load Regulation
VIN
=3.3V, IROUT: from 0.1mA to 5.0mA
6
15
mV
Ilim
VREFOUT Short Current Limit
VIN
=3.3V, VREFOUT=0V
20
mA
∆VREFOUT/
∆Topt
VREFOUT Voltage Temperature
Coefficient
40
°C <
= Topt <
= 85°C
±
150
ppm/
°C
REXTH
EXT "H" ON Resistance
VIN
=3.3V, IEXT=−50mA
2.5
6.0
REXTL
EXT "L" ON Resistance
VIN
=3.3V, IEXT=50mA
1.5
4.0
tr
EXT Rising Time
VIN
=3.3V, CL=1000pF
12
ns
tf
EXT Falling Time
VIN
=3.3V, CL=1000pF
8
ns
IDLY1
DELAY Pin Charge Current
VIN
=3.3V, VDLY=VFB=0V
3.0
5.5
8.0
µ
A
IDLY2
DELAY Pin Discharge Current VIN
=VFB=2.2V, VDLY=0.1V
0.08
0.20
0.36
mA
VDLY
DELAY Pin Detector Threshold VIN
=3.3V, VFB=0V, VDLY=0V to 2V
0.95
1.00
1.05
V
VUVLO1
UVLO Detector Threshold
VIN
=3.3V to 0V, VDLY=VFB=0V
2.0
2.1
2.2
V
VUVLO2
UVLO Released Voltage
VIN
=0V to 3.3V, VDLY=VFB=0V
VUVLO1
+ 0.2
2.45
V
VDTC0
Duty
=0% DTC Pin Voltage
VIN
=3.3V
0.05
0.18
0.25
V
VDTC20
Duty
=20% DTC Pin Voltage
VIN
=3.3V
0.3
V
VDTC80
Duty
=80% DTC Pin Voltage
VIN
=3.3V
0.75
V
Maxduty
Maximum Duty Cycle
VIN
=3.3V
84
90
96
%
IAMPH
AMP "H" Output Current
VIN
=3.3V, VAMP=1.0V, VFB=0.9V
0.5
1.0
1.8
mA
IAMPL
AMP "L" Output Current
VIN
=3.3V, VAMP=1.0V, VFB=1.1V
60
100
160
µ
A


Similar Part No. - R1212D002A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1212D RECOM-R1212D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results

Similar Description - R1212D002A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1215D RICOH-R1215D Datasheet
499Kb / 22P
   STEP-UP DC/DC CONTOLLER
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com