Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE9.1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE9.1
Description  Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE9.1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P6KE9.1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE9.1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE9.1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE9.1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- 642 -
P6KE SERIES
Transient Voltage Suppressor Diodes
Voltage Range
6.8 to 440 Volts
600 Watts Peak Power
5.0 Watts Steady State
Features
UL Recognized File # E-96005
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Exceeds environmental standards of MIL-STD-19500
600W surge capability at 10 x 100 us waveform, duty cycle:
0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps from 0 volts to
VBR for unidirectional and 5.0 ns for bidirectional
Typical IR less than 1uA above 10V
High temperature soldering guaranteed: 260°C / 10 seconds
/ .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Lead: Axial leads, solderable per MIL-STD-202,
Lead: Method 208
Polarity: Color band denotes cathode except bipolar
Weight: 0.34gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
OC, Tp=1ms
(Note 1)
PPK
Minimum 600
Watts
Steady State Power Dissipation at TL=75 °C
Lead Lengths .375”, 9.5mm (Note 2)
PD
5.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at
50.0A for Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
°C
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
OC Per Fig. 2.
2. Mounted on Copper Pad Area of 1.6 x 1.6” (40 x 40 mm) Per Fig. 4.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes
Maximum.
4. VF=3.5V for Devices of VBR
200V and V
F=5.0V Max. for Devices of VBR>200V.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types P6KE6.8 through Types P6KE440.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - P6KE9.1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE9.1 PANJIT-P6KE9.1 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE9.1 LUGUANG-P6KE9.1 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
P6KE9.1 YANGJIE-P6KE9.1 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P6KE9.1 DIOTEC-P6KE9.1 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Digitron Semiconductors
P6KE9.1 DIGITRON-P6KE9.1 Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P6KE9.1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com