Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T73 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T73
Description  1/4" Square Single-Turn Cermet Sealed Trimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T73 Datasheet(HTML) 3 Page - Vishay Siliconix

  T73 Datasheet HTML 1Page - Vishay Siliconix T73 Datasheet HTML 2Page - Vishay Siliconix T73 Datasheet HTML 3Page - Vishay Siliconix T73 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51016
44
See also: Application notes
Revision: 24-Jan-07
T73
Vishay Sfernice
1/4" Square Single-Turn
Cermet Sealed Trimmers
MARKING
Printed: VISHAY trademark, resistance code, terminal
numbers, date code, manufacturer’s model number and style
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
Ω
WV
mA
ppm/°C
10
20
50
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1M
2M
0.5
0.50
0.45
0.18
0.09
0.05
2.2
3.2
5
7.1
10
15.8
22.4
31.6
50
70.7
100
158.1
223.6
300
300
300
300
224
160
100
70
50
32
22
16
10
7.1
5
3.2
2.2
1.5
0.60
0.30
0.15
± 100
PACKAGING
- In tube by 50 pieces, code TU50
- Tape and reel for model YU, code TR750 and XW, code TR100
ORDERING INFORMATION
T73
SERIES
YP
STYLE
500 k
Ω
OHMIC VALUE
± 10 %
TOLERANCE
TU50
PACKAGING
e3
LEAD FINISH
XX
XH
XW
YP
YE
YU
YB
TU50
On request: TR750
TR1000
e3: pure Sn
SAP PART NUMBERING GUIDELINES
T
7
3
Y
P
504
K
T
2
0
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables


Similar Part No. - T73

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
125Kb / 5P
   1/4 Square Single-Turn Cermet Sealed Trimmer
Revision: 23-Sep-15
T73 VISHAY-T73 Datasheet
115Kb / 5P
   1/4 Square Single-Turn Cermet Sealed Trimmer
01-Jan-2022
logo
Tyco Electronics
T73 MACOM-T73 Datasheet
46Kb / 2P
   Low Profile, 10 Amp Printed Circuit Board Relay
logo
Norgren Ltd
T73 NORGREN-T73 Datasheet
652Kb / 2P
   T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com