Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131N201A Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1131N201A
Description  Low Voltage 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131N201A Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1131N201A Datasheet HTML 3Page - RICOH electronics devices division R1131N201A Datasheet HTML 4Page - RICOH electronics devices division R1131N201A Datasheet HTML 5Page - RICOH electronics devices division R1131N201A Datasheet HTML 6Page - RICOH electronics devices division R1131N201A Datasheet HTML 7Page - RICOH electronics devices division R1131N201A Datasheet HTML 8Page - RICOH electronics devices division R1131N201A Datasheet HTML 9Page - RICOH electronics devices division R1131N201A Datasheet HTML 10Page - RICOH electronics devices division R1131N201A Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
R1131x
7
TEST CIRCUIT
∗ C1=C2=Tantalum VOUT <1.0V)
C1
=C2=Ceramic1.0µF (VOUT >
=
1.0V)
VDD
GND
OUT
C1
C2
V
IOUT
VOUT
CE
⋅ CE
R1131x
Series
VDD
GND
OUT
R1131x
Series
C1
C2
A
OUT
ISS
CE
⋅ CE
∗ C1=C2=Tantalum VOUT <1.0V)
C1
=C2=Ceramic1.0µF (VOUT >
=
1.0V)
Standard Test Circuit
Supply Current Test Circuit
Generator
VDD
GND
OUT
R1131x
Series
C2
P.G
IOUT
Pulse
∗ C2=Tantalum VOUT <1.0V)
C2
=Ceramic1.0µF (VOUT >
=
1.0V)
CE
⋅ CE
Generator
VDD
GND
OUT
R1131x
Series
C2
P.G
IOUT
Pulse
∗ C2=Tantalum VOUT <1.0V)
C2
=Ceramic1.0µF (VOUT >
=
1.0V)
CE
⋅ CE
Ripple Rejection, Line Transient Response
Load Transient Response Test Circuit
Test Circuit
Pulse
Generato
0 V
Set VOUT
+10V
∗ Input signal waveform
to CE pin is shown below.
VDD
GND
OUT
R1131x
Series
C1
C2
IOUT
CE
⋅ CE
∗ C1=C2=Tantalum VOUT <1.0V)
C1
=C2=Ceramic1.0µF (VOUT >
= 1.0V)
Turn on Speed vifh CE pin Test Circuit


Similar Part No. - R1131N201A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131N201A RICOH-R1131N201A Datasheet
34Kb / 1P
   R1131N SERIES MARK SPECIFICATION
R1131N201A-TR-FE RICOH-R1131N201A-TR-FE Datasheet
929Kb / 24P
   R1131
More results

Similar Description - R1131N201A

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com