Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1514H056B Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1514H056B
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514H056B Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1514H056B Datasheet HTML 1Page - RICOH electronics devices division R1514H056B Datasheet HTML 2Page - RICOH electronics devices division R1514H056B Datasheet HTML 3Page - RICOH electronics devices division R1514H056B Datasheet HTML 4Page - RICOH electronics devices division R1514H056B Datasheet HTML 5Page - RICOH electronics devices division R1514H056B Datasheet HTML 6Page - RICOH electronics devices division R1514H056B Datasheet HTML 7Page - RICOH electronics devices division R1514H056B Datasheet HTML 8Page - RICOH electronics devices division R1514H056B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
R1514x
2
BLOCK DIAGRAM
R1514xxxxB
VDD
VOUT
CE
GND
Current Limit
Short
Protection
Vref
Thermal Shutdown
Circuit
SELECTION GUIDE
The output voltage, the active type, and the taping type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below;
R1514xxxxx-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a
b c
d
e
Code
Contents
a
Designation of Package Type:
H: SOT-89-5
S: HSOP-6J
b
Setting Output Voltage (VOUT):
Stepwise setting with a step of 0.1V in the range of 2.0V to 12.0V is possible.
c
Designation of Active Type:
B: active high
d
Designation of Taping Type:
T1 (SOT-89-5), E2 (HSOP-6J)
(Refer to Taping Specifications)
e
Designation of composition of pin plating:
-F: Lead free plating


Similar Part No. - R1514H056B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1514H050B NISSHINBO-R1514H050B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
logo
RICOH electronics devic...
R1514H050B-T1-FE RICOH-R1514H050B-T1-FE Datasheet
254Kb / 15P
   Input Voltage Max. 36V
More results

Similar Description - R1514H056B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com