Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR860 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MUR860
Description  8.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR860 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MUR860 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR860 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
MUR820 - MUR860
8.0 AMPS. Glass Passivated Super Fast Rectifiers
TO-220AC
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
CASE
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Cases: TO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds/.25”,(6.35mm) from case.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MUR820
MUR840
MUR860
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length (See Fig. 1)
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
0.975
1.30
1.7
V
Maximum DC Reverse Current @ TC=25
oC
at Rated DC Blocking Voltage @ TC=125
oC
(Note 4)
IR
5.0
250
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
Trr
25
50
nS
Maximum Forward Recovery Time TFR
(IF=1.0A, di/dt = 50A/uS),
Tfr
35
50
nS
Typical Thermal Resistance (Note 3)
RθJC
3.0
2.0
oC/W
Operating Temperature Range
TJ
-65 to +175
oC
Storage Temperature Range
T
STG
-65 to +175
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Case, Mounted on Heatsink Size of 2” x 3” x 0.25”
Al-Plate.
4. Pulse lest: tp = 300 uS, Duty Cycle < 2%.


Similar Part No. - MUR860

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MUR860 ISC-MUR860 Datasheet
91Kb / 2P
   Ultrafast Recovery Rectifier
logo
Motorola, Inc
MUR860 MOTOROLA-MUR860 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Shanghai Leiditech Elec...
MUR860 LEIDITECH-MUR860 Datasheet
528Kb / 2P
   Fred Chip Construction
logo
Sirectifier Global Corp...
MUR860 SIRECT-MUR860 Datasheet
139Kb / 3P
   Ultra Fast Recovery Diodes
logo
New Jersey Semi-Conduct...
MUR860 NJSEMI-MUR860 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
More results

Similar Description - MUR860

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF801G TSC-SF801G_1 Datasheet
344Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G Datasheet
55Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SF801G TSC-SF801G Datasheet
95Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G_1 Datasheet
262Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAS801G TSC-SFAS801G Datasheet
87Kb / 2P
   8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G Datasheet
83Kb / 2P
   Isolation 8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_1 Datasheet
275Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_10 Datasheet
648Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
FRA801G TSC-FRA801G_10 Datasheet
47Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G_1 Datasheet
260Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com