Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT60 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STT60
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STT60 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STT60 Datasheet HTML 1Page - List of Unclassifed Manufacturers STT60 Datasheet HTML 2Page - List of Unclassifed Manufacturers STT60 Datasheet HTML 3Page - List of Unclassifed Manufacturers STT60 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STT60
Thyristor-Thyristor Modules
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.45
180oC
0.47
120oC
0.49
60oC
0.505
30oC
0.52
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.014
0.015
2
0.026
0.0095
3
0.41
0.175
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.65
180oC
0.67
120oC
0.69
60oC
0.705
30oC
0.72
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.014
0.015
2
0.026
0.0095
3
0.41
0.175
4
0.2
0.67
3 x STT60
STT60
STT60


Similar Part No. - STT60

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT60 SIRECTIFIER-STT60 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
logo
SamHop Microelectronics...
STT600 SAMHOP-STT600 Datasheet
143Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
Sirectifier Global Corp...
STT60GK SIRECT-STT60GK Datasheet
829Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT60GK08 SIRECTIFIER-STT60GK08 Datasheet
576Kb / 4P
   Thyristor-Thyristor Modules
STT60GK08 SIRECTIFIER-STT60GK08 Datasheet
273Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com