Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC632LP5 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC632LP5
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC632LP5 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC632LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC632LP5 Datasheet HTML 9Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
10
10 - 277
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Notes:
v00.0707
HMC632LP5 / 632LP5E
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 14.25 - 15.65 GHz


Similar Part No. - HMC632LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC632LP5 HITTITE-HMC632LP5 Datasheet
483Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
HMC632LP5E HITTITE-HMC632LP5E Datasheet
483Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
HMC632LP5 HITTITE-HMC632LP5_11 Datasheet
483Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
More results

Similar Description - HMC632LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC632LP5 HITTITE-HMC632LP5_11 Datasheet
483Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC510LP5 HITTITE-HMC510LP5_11 Datasheet
389Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 8.45 - 9.55 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com