Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT49GK12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STT49GK12
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STT49GK12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STT49GK12 Datasheet HTML 1Page - List of Unclassifed Manufacturers STT49GK12 Datasheet HTML 2Page - List of Unclassifed Manufacturers STT49GK12 Datasheet HTML 3Page - List of Unclassifed Manufacturers STT49GK12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STT49
Thyristor-Thyristor Modules
Symbol
Test Conditions
Characteristic Values
Unit
V
VT, VF
IT, IF=200A; TVJ=25
oC
1.75
VTO
For power-loss calculations only (TVJ=125
oC)
0.85
V
rT
5.3
m
VD=6V;
TVJ=25
oC
TVJ=-40
oC
VGT
1.5
1.6
V
VD=6V;
TVJ=25
oC
TVJ=-40
oC
IGT
100
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
10
mA
IH
TVJ=25
oC; VD=6V; RGK=
200
mA
TVJ=25
oC; tp=10us; VD=6V
IG=0.45A; diG/dt=0.45A/us
450
mA
IL
per thyristor/diode; DC current
per module
RthJC
0.53
0.265
K/W
per thyristor/diode; DC current
per module
RthJK
0.73
0.365
K/W
dS
Creeping distance on surface
12.7
mm
dA
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s
2
IRRM, IDRM TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25
oC; VD=1/2VDRM
IG=0.45A; diG/dt=0.45A/us
tgd
2
us
TVJ=TVJM; IT=120A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=20V/us; VD=2/3VDRM
tq
150
us
uC
QS
TVJ=TVJM; IT, IF=50A; -di/dt=0.64A/us
90
IRM
11
A
FEATURES
* International standard package
* Planar passivated chips
* Isolation voltage 3600 V~
ADVANTAGES
* Space and weight savings
* Simple mounting with two screws
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* DC motor control
* Softstart AC motor controller
* Light, heat and temperature
control
* Copper base plate


Similar Part No. - STT49GK12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT49GK12 SIRECTIFIER-STT49GK12 Datasheet
589Kb / 4P
   Thyristor-Thyristor Modules
STT49GK12 SIRECTIFIER-STT49GK12 Datasheet
74Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Global Corp...
STT49GK12B SIRECT-STT49GK12B Datasheet
884Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT49GK12B SIRECTIFIER-STT49GK12B Datasheet
471Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT49GK12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com