Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM120B020 Datasheet(PDF) 1 Page - Semikron International

Part # SKM120B020
Description  SEMITRANS짰 M Power MOSFET Modules 120 A, 200 V, 17 m廓
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM120B020 Datasheet(HTML) 1 Page - Semikron International

  SKM120B020 Datasheet HTML 1Page - Semikron International SKM120B020 Datasheet HTML 2Page - Semikron International SKM120B020 Datasheet HTML 3Page - Semikron International SKM120B020 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© by SEMIKRON
B 5 – 39
SEMITRANS® M
Power MOSFET Modules
120 A, 200 V, 17 m
SKM 120 B 020
Replaces discontinued SKM 224 A
Features
• N Channel, enhancement mode
• Short internal connections
avoid oscillations
• Switching kWs in less than 1 µs
• Isolated copper baseplate using
Al2O3 ceramic Direct Copper
Bonding Technology (DCB)
• All electrical connections on top
for easy busbaring
• Large clearances and creepage
distances
• Material, clearances and cree-
page distances meet UL-specifi-
cations
Typical Applications
• Switched mode power supplies
• DC servo and robot drives
• DC choppers
• UPS equipment
• Plasma cutting
• Not suitable for linear
amplification
This is an electrostatic dischar-
ge sensitive device (ESDS).
Please observe the international
standard IEC 747-1, Chapter IX.
Absolute Maximum Ratings
Symbol
Conditions
1)
Values
Units
VDS
200
V
VDGR
RGS = 20 k
200
V
ID
Tcase = 25
°C
120
A
Tcase = 85
°C
87
A
IDM
360
A
VGS
± 20
V
PD
500
W
Tj, Tstg
– 55 . . .+150
°C
Visol
AC, 1 min
2 500
V
humidity
DIN 40 040
Class F
climate
DIN IEC 68 T.1
55/150/56
Inverse Diode
IF= – ID
120
A
IFM= – IDM
360
A
Characteristics
Symbol
Conditions
1)
min.
typ.
max.
Units
V(BR)DSS
VGS = 0, ID = 0,25 mA
200
V
VGS(th)
VGS = VDS, ID = 1 mA
2,1
3,0
4,0
V
IDSS
VGS = 0
Tj = 25
°C
50
250
µA
VGS = 200 V
Tj = 125
°C
300
1000
µA
IGSS
VGS = 20 V, VDS = 0
10
100
nA
RDS(on)
VGS = 10 V, ID = 120 A
15
17
m
gfs
VDS = 5 V, ID = 75 A
60
90
S
CCHC
per MOSFET
100
pF
Ciss
VGS = 0
10,4
16
nF
Coss
VDS = 25 V
2
4,5
nF
Crss
f = 1 MHz
1
1,4
nF
LDS
30
nH
td(on)
VDD = 100 V
120
ns
tr
ID = 75 A
60
ns
td(off)
VGS = 10 V
240
ns
tf
RGS = 3,3
–40
ns
Inverse Diode
VSD
IF = 240 A, VGS = 0
1,2
1,5
V
trr
Tj = 25
°C 2)
400
ns
Tj = 150
°C 2)
700
ns
Qrr
Tj = 25
°C 2)
–5,0
µC
Tj = 150
°C 2)
–8
Thermal Characteristics
Rthjc
per MOSFET
0,25
°C/W
Rthch
per module
0,05
°C/W
Mechanical Data
M1
to heatsink
SI Units (M6)
4
5
Nm
US Units
35
44
lb.in.
M2
for terminals SI Units (M5)
2,5
3,5
Nm
US Units
22
24
lb.in.
a
5x9,81
m/s
2
w
250
g
Case
→ page B 5 – 42
D 70
1) Tcase = 25 °C, unless otherwise specified.
2) IF = – ID, VR = 100 V, – diF/dt = 100 A/µs
SEMITRANS 2
0896


Similar Part No. - SKM120B020

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM121AR SEMIKRON-SKM121AR Datasheet
438Kb / 4P
   Power MOSFET Modules
More results

Similar Description - SKM120B020

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM50GB123D SEMIKRON-SKM50GB123D_1 Datasheet
2Mb / 6P
   SEMITRANS짰 M IGBT Modules
logo
Kersemi Electronic Co.,...
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
Fairchild Semiconductor
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FDMC89521L FAIRCHILD-FDMC89521L Datasheet
310Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 60 V, 8.2 A, 17 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
logo
ON Semiconductor
NTTFS5811NL ONSEMI-NTTFS5811NL Datasheet
258Kb / 6P
   Power MOSFET 40 V, 53 A, 6.4 m廓
May, 2010 -- Rev. 1
NTD6416AN ONSEMI-NTD6416AN_V01 Datasheet
235Kb / 8P
   MOSFET – Power, N-Channel 100 V, 17 A, 81 m
April, 2020 - Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com