Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKET330 Datasheet(PDF) 1 Page - Semikron International

Part # SKET330
Description  SEMIPACK짰 4 Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKET330 Datasheet(HTML) 1 Page - Semikron International

  SKET330_1 Datasheet HTML 1Page - Semikron International SKET330_1 Datasheet HTML 2Page - Semikron International SKET330_1 Datasheet HTML 3Page - Semikron International SKET330_1 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© by SEMIKRON
030217
B 1 – 91
1) See the assembly instructions
2) The screws must be lubricated
VRSM
VRRM
(dv/dt)cr
ITRMS (maximum values for continuous operation)
VDRM
600 A
700 A
ITAV (sin. 180; Tcase = . . .)
VV
V/
µs
380 (68 °C)
440 A (78 °C)
900
1300
1500
1700
1900
2100
2300
800
1200
1400
1600
1800
2000
2200
500
1000
1000
1000
1000
1000
1000
SKET 330/08 D
SKET 330/12 E
SKET 330/14 E
SKET 330/16 E
SKET 330/18 E
SKET 330/20 E
SKET 330/22 E
SKET 400/08 D
SKET 400/12 E
SKET 400/14 E
SKET 400/16 E
SKET 400/18 E
Symbol Conditions
SKET 330
SKET 400
Units
ITAV
ID
IRMS
sin. 180; (Tcase = . . .)
B2/B6
Tamb = 35 °C; P 16/300 F
W1/W3 Tamb = 35 °C; P 16/400 F
330
(78)
530 / 665
685 / 3 x 550
400
(84)
700 / 880
905 / 3 x 720
A
°C
A
A
ITSM
i2t
Tvj = 25 °C; 10 ms
Tvj = 130 °C; 10 ms
Tvj = 25 °C; 8,3 ... 10 ms
Tvj = 130 °C; 8,3 ... 10 ms
9 000
8 000
405 000
320 000
14 000
12 000
980 000
720 000
A
A
A2s
A2s
tgd
tgr
Tvj = 25 °C
IG = 1 A
diG/dt = 1 A/
µs
VD = 0,67 . VDRM
1
2
µs
µs
(di/dt)cr
tq
IH
IL
Tvj = 130 °C
Tvj = 130 °C
Tvj = 25 °C
Tvj = 25 °C; RG = 33
Ω; typ./max.
125
typ. 150 . . . 200
150 / 500
0,5 / 2
A/
µs
µs
mA
A
VT
VT(TO)
rT
IDD; IRD
Tvj = 25 °C; (IT = . . .); max.
Tvj = 130 °C
Tvj = 130 °C
Tvj = 130 °C; V = VDRM / VRRM
2,05
(1500)
1,2
0,55
120
1,7
(2400)
0,92
0,3
80
V
A
V
m
mA
VGT
IGT
VGD
IGD
Tvj = 25 °C; d.c.
Tvj = 25 °C; d.c.
Tvj = 130 °C; d.c.
Tvj = 130 °C; d.c.
3
200
0,25
10
V
mA
V
mA
Rthjc
Rthch
Tvj; Tstg
cont.
sin. 180
rec. 120
0,09
0,095
0,11
0,02
– 40 ... + 130
°C/W
°C/W
°C/W
°C/W
°C
Visol
M1
M2
a
w
a. c. 50 Hz; r.m.s; 1 s/1 min
to heatsink
to terminals
approx.
3600 / 3000
5 (44 lb. in.) ± 15 %1)
17 (150 lb. in.) ± 15 %2)
5 . 9,81
940
V~
Nm
Nm
m/s2
g
Case
page B 1 – 94
A 36
SEMIPACK® 4
Thyristor Modules
SKET 330
SKET 400
Features
Heat transfer through aluminium
nitride ceramic isolated metal
baseplate
Precious metal pressure
contacts for high reliability
With amplifying gate
UL recognized, file no. E 63 532
Typical Applications
DC motor control (e. g. for
machine tools)
Temperature control (e. g. for
ovens, chemical processes)
Professional light dimming
(studios, theaters)
SKET
SI (US) units


Similar Part No. - SKET330_1

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKET330-12E SEMIKRON-SKET330-12E Datasheet
703Kb / 3P
   Thyristor Modules
SKET330-14E SEMIKRON-SKET330-14E Datasheet
703Kb / 3P
   Thyristor Modules
SKET330-16E SEMIKRON-SKET330-16E Datasheet
703Kb / 3P
   Thyristor Modules
SKET330-18E SEMIKRON-SKET330-18E Datasheet
703Kb / 3P
   Thyristor Modules
SKET330/12E SEMIKRON-SKET330/12E Datasheet
698Kb / 3P
   Thyristor Modules
More results

Similar Description - SKET330_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com