Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131D122B5 Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1131D122B5
Description  Low Voltage 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D122B5 Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1131D122B5 Datasheet HTML 1Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 2Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 3Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 4Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 5Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 6Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 7Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 8Page - RICOH electronics devices division R1131D122B5 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
R1131x
3
PIN CONFIGURATIONS
SOT-23-5
SON-6
HSON-6
1
2
3
4
5
(mark side)
Top View
Bottom View
6 5 4
4 5 6
1 2 3
3 2 1
Top View
Bottom View
65
4
4
5
6
12
3
3
2
1
PIN DESCRIPTIONS
SOT-23-5
SON-6,HSON-6
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VDD
Input Pin
1
VDD
Input Pin
2
GND
Ground Pin
2
NC
No Connection
3
CE or CE
Chip Enable Pin
3
VOUT
Output pin
4
NC
No Connection
4
NC
No Connection
5
VOUT
Output pin
5
GND
Ground Pin
6
CE or CE
Chip Enable Pin
∗ Tab or Tab suspension Ieads in the
parts have
GND level.
(They are connected to the reverse side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
VCE
Input Voltage( CE /CE Pin)
−0.3 to 6.5
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT
Output Current
350
mA
Power Dissipation (SOT23-5)*
1
420
Power Dissipation (SON-6)*
1
500
PD
Power Dissipation (HSON-6)*
1
900
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
*1) For Power Dissipation please refer to PACKAGE INFORMATION to be described.


Similar Part No. - R1131D122B5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D151A-TR-FE RICOH-R1131D151A-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D151B-TR-FE RICOH-R1131D151B-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D151D-TR-FE RICOH-R1131D151D-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D152A-TR-FE RICOH-R1131D152A-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D152B-TR-FE RICOH-R1131D152B-TR-FE Datasheet
929Kb / 24P
   R1131
More results

Similar Description - R1131D122B5

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com