Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131D242B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1131D242B
Description  Low Voltage 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D242B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1131D242B Datasheet HTML 1Page - RICOH electronics devices division R1131D242B Datasheet HTML 2Page - RICOH electronics devices division R1131D242B Datasheet HTML 3Page - RICOH electronics devices division R1131D242B Datasheet HTML 4Page - RICOH electronics devices division R1131D242B Datasheet HTML 5Page - RICOH electronics devices division R1131D242B Datasheet HTML 6Page - RICOH electronics devices division R1131D242B Datasheet HTML 7Page - RICOH electronics devices division R1131D242B Datasheet HTML 8Page - RICOH electronics devices division R1131D242B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
R1131x
4
ELECTRICAL CHARACTERISTICS
R1131xxxxA
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
< 1.8V
×0.98
×1.02
V
VOUT
Output Voltage
VIN
=Set VOUT+1V
1
µA <
= IOUT <
= 30mA
VOUT <
= 1.8V
−30
+30
mV
IOUT
Output Current
VIN
−VOUT=1.0V
300
mA
∆VOUT/
∆IOUT
Load Regulation
VIN
=Set VOUT+1V,
1mA <
= IOUT <
= 300mA
40
70
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
VIN
=Set VOUT+1V,VOUT < 1.8V
80
111
µA
ISS1
Supply Current
VIN
=Set VOUT+1V,VOUT >
= 1.8V
60
90
µA
Istandby Supply Current (Standby) VIN
=VCE=Set VOUT+1V
0.1
1.0
µA
∆VOUT/
∆VIN
Line Regulation
IOUT
=30mA
VOUT
+0.5V <
= VIN <
= 6.0V(VOUT > 0.9V)
1.4V <
= VIN <
= 6.0V(VOUT <
= 0.9V)
0.01
0.15
%/V
RR
Ripple Rejection
f
=1kHz, Ripple 0.2Vp-p
VIN
=Set VOUT+1V,IOUT=30mA
65
dB
VIN
Input Voltage
1.4
6.0
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
50
mA
RPU
CE Pull-up Resistance
1.87
5.0
12.0
M
VCEH
CE Input Voltage “H”
1.0
6.0
V
VCEL
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
30
µVrms


Similar Part No. - R1131D242B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D201A-TR-FE RICOH-R1131D201A-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D201B-TR-FE RICOH-R1131D201B-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D201D-TR-FE RICOH-R1131D201D-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D202A-TR-FE RICOH-R1131D202A-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D202B-TR-FE RICOH-R1131D202B-TR-FE Datasheet
929Kb / 24P
   R1131
More results

Similar Description - R1131D242B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com