Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV1027HIP70 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62LV1027HIP70
Description  Very Low Power CMOS SRAM 128K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1027HIP70 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62LV1027HIP70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1027HIP70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BS62LV1027
R0201-BS62LV1027
Revision
2.3
May.
2006
3
n DC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VCC
Power Supply
2.4
--
5.5
V
VIL
Input Low Voltage
-0.5
(2)
--
0.8
V
VIH
Input High Voltage
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VCC = Max, VIN = 0V to VCC
--
--
1
uA
ILO
Output Leakage Current
VCC = Max, CE1= VIH, CE2= VIL, or
OE = VIH, VI/O = 0V to VCC
--
--
1
uA
VCC=3.0V
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
VCC=5.0V
--
--
0.4
V
VCC=3.0V
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
VCC=5.0V
2.4
--
--
V
VCC=3.0V
--
--
18
ICC
(5)
Operating Power Supply
Current
CE1 = VIL, CE2 = VIH,
IDQ = 0mA, f = fMax
(4)
VCC=5.0V
--
--
47
mA
VCC=3.0V
2
ICC1
Operating Power Supply
Current
CE1 = VIL, CE2 = VIH,
IDQ = 0mA, f = 1MHz
VCC=5.0V
10
mA
VCC=3.0V
--
--
0.5
ICCSB
Standby Current
– TTL
CE1 = VIH, or CE2 = VIL,
IDQ = 0mA
VCC=5.0V
--
--
1.0
mA
VCC=3.0V
--
0.02
1.5
ICCSB1
(6)
Standby Current
– CMOS
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=5.0V
--
0.4
5.0
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. fMax.=1/tRC.
5. ICC (MAX.) is 17mA/46mA at VCC=3.0V/5.0V and TA=70
OC.
6. ICCSB1(MAX.) is 1.3uA/4.0uA at VCC=3.0V/5.0V and TA=70
OC.
n DATA RETENTION CHARACTERISTICS (T
A = -40
OC to +85OC)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VDR
VCC for Data Retention
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
1.5
--
--
V
ICCDR
(3)
Data Retention Current
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
--
0.02
0.5
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
tRC
(2)
--
--
ns
1. VCC=1.5V, TA=25
OC and not 100% tested.
2. tRC = Read Cycle Time.
3. ICCRD(Max.) is0.3uA at TA=70
OC.
n LOW V
CC DATA RETENTION WAVEFORM (1) (CE1 Controlled)
Data Retention Mode
VCC
tCDR
VCC
tR
VIH
VIH
CE1≧VCC - 0.2V
VDR≧1.5V
CE1
VCC


Similar Part No. - BS62LV1027HIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
BS62LV1027 BSI-BS62LV1027 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027DC BSI-BS62LV1027DC Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
BS62LV1027DC-55 BSI-BS62LV1027DC-55 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
BS62LV1027DC-70 BSI-BS62LV1027DC-70 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
More results

Similar Description - BS62LV1027HIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_08 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com