Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIPL762 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIPL762
Description  NPN SILICON POWER TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL762 Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIPL762 Datasheet HTML 1Page - Power Innovations Ltd TIPL762 Datasheet HTML 2Page - Power Innovations Ltd TIPL762 Datasheet HTML 3Page - Power Innovations Ltd TIPL762 Datasheet HTML 4Page - Power Innovations Ltd TIPL762 Datasheet HTML 5Page - Power Innovations Ltd TIPL762 Datasheet HTML 6Page - Power Innovations Ltd TIPL762 Datasheet HTML 7Page - Power Innovations Ltd TIPL762 Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIPL762, TIPL762A
NPN SILICON POWER TRANSISTORS
2
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 2. Inductive loop switching measurement.
3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(sus)
Collector-emitter
sustaining voltage
IC = 100 mA
L = 25 mH
(see Note 2)
TIPL762
TIPL762A
400
450
V
ICES
Collector-emitter
cut-off current
VCE = 850 V
VCE = 1000 V
VCE = 850 V
VCE = 1000 V
VBE = 0
VBE = 0
VBE = 0
VBE = 0
TC = 100°C
TC = 100°C
TIPL762
TIPL762A
TIPL762
TIPL762A
50
50
200
200
µA
ICEO
Collector cut-off
current
VCE = 400 V
VCE = 450 V
IB = 0
IB = 0
TIPL762
TIPL762A
50
50
µA
IEBO
Emitter cut-off
current
VEB =
10 V
IC = 0
1
mA
hFE
Forward current
transfer ratio
VCE =
5 V
IC = 0.5 A
(see Notes 3 and 4)
20
60
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.4 A
IB =
0.8 A
IB =
1.2 A
IB =
1.2 A
IC =
2 A
IC =
4 A
IC =
6 A
IC =
6 A
(see Notes 3 and 4)
TC = 100°C
0.5
1.0
2.5
5.0
V
VBE(sat)
Base-emitter
saturation voltage
IB =
0.4 A
IB =
0.8 A
IB =
1.2 A
IB =
1.2 A
IC =
2 A
IC =
4 A
IC =
6 A
IC =
6 A
(see Notes 3 and 4)
TC = 100°C
1.1
1.3
1.5
1.4
V
ft
Current gain
bandwidth product
VCE =
10 V
IC = 0.5 A
f =
1 MHz
6
MHz
Cob
Output capacitance
VCB =
20 V
IE = 0
f = 0.1 MHz
105
pF
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.25
°C/W
inductive-load-switching characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsv
Voltage storage time
IC = 6 A
VBE(off) = -10 V
IB(on) = 1.2 A
(see Figures 1 and 2)
2.5
µs
trv
Voltage rise time
200
ns
tfi
Current fall time
150
ns
tti
Current tail time
50
ns
txo
Cross over time
300
ns
tsv
Voltage storage time
IC = 6 A
VBE(off) = -10 V
IB(on) = 1.2 A
TC = 100°C
(see Figures 1 and 2)
3
µs
trv
Voltage rise time
300
ns
tfi
Current fall time
150
ns
tti
Current tail time
50
ns
txo
Cross over time
500
ns


Similar Part No. - TIPL762

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIPL760 POINN-TIPL760 Datasheet
161Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIPL760 ISC-TIPL760 Datasheet
278Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Power Innovations Ltd
TIPL760A POINN-TIPL760A Datasheet
161Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
TIPL760A BOURNS-TIPL760A Datasheet
187Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIPL760B POINN-TIPL760B Datasheet
161Kb / 7P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - TIPL762

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com