Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616UV1010ECP10 Datasheet(PDF) 11 Page - Brilliance Semiconductor

Part # BS616UV1010ECP10
Description  Ultra Low Power CMOS SRAM 64K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1010ECP10 Datasheet(HTML) 11 Page - Brilliance Semiconductor

Back Button BS616UV1010ECP10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 10Page - Brilliance Semiconductor BS616UV1010ECP10 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
BS616UV1010
R0201-BS616UV1010
Revision
2.6
May.
2006
11
n Revision History
Revision No.
History
Draft Date
Remark
2.5
Add Icc1 characteristic parameter
Jan. 13, 2006
2.6
Change I-grade operation temperature range
May. 25, 2006
- from
–25OC to –40OC


Similar Part No. - BS616UV1010ECP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010ECP10 BSI-BS616UV1010ECP10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616UV1010ECP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com