Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1514S093B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1514S093B
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514S093B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1514S093B Datasheet HTML 1Page - RICOH electronics devices division R1514S093B Datasheet HTML 2Page - RICOH electronics devices division R1514S093B Datasheet HTML 3Page - RICOH electronics devices division R1514S093B Datasheet HTML 4Page - RICOH electronics devices division R1514S093B Datasheet HTML 5Page - RICOH electronics devices division R1514S093B Datasheet HTML 6Page - RICOH electronics devices division R1514S093B Datasheet HTML 7Page - RICOH electronics devices division R1514S093B Datasheet HTML 8Page - RICOH electronics devices division R1514S093B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
R1514x SERIES
150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
NO.EA-152-070802
1
OUTLINE
The R1514x series are CMOS-based positive voltage regulator (VR) ICs featuring 150mA output current. The
R1514xxxxB has features of high input voltage and ultra-low supply current. A peak current limit circuit, a short
current limit circuit, and a thermal shutdown circuit are built in the R1514x series.
The operating temperature is
−40°C to 105°C and the maximum input voltage is 36V, the R1514x series are
very suitable for power source of car accessories.
The regulator output voltage is fixed in the R1514xxxxB and can be selected with a step of 0.1V in the range of
2.0V to 12.0V. Output voltage accuracy is
±2%.
The packages for these ICs are the SOT-89-5 for space saving and the HSOP-6J for higher power
applications.
FEATURES
• Input Voltage ......................................................... Max. 36V
• Supply Current ......................................................Typ. 9µA
• Standby Current ....................................................Typ. 0.1µA
• Temperature-Drift Coefficient of Output Voltage ...Typ. ±100ppm/°C
• Output Current ......................................................Min. 150mA (VIN=VOUT+3.0V; R1514x050B)
• Line Regulation .....................................................Typ. 0.05%/V
• Output Voltage Accuracy.......................................±2%
• Packages ..............................................................SOT-89-5, HSOP-6J
• Output Voltage Range...........................................Stepwise setting with a step of 0.1V in the range of 2.0V
to 12.0V is possible (refer to Selection Guide).
• Built-in Peak Current Limit Circuit
• Built-in Short Current Limit Circuit
• Built-in Thermal Shutdown Circuit
• Operating Temperature ......................................... −40°C to 105°C
APPLICATIONS
• Power source for home appliances such as refrigerators, rice cookers, electoric water warmers, etc.
• Power source for car audio equipment, car navigation system, ETC system, etc.
• Power source for notebook PCs, digital TVs, cordless phones, and private LAN system, etc.
• Power source for office equipment machines such as copiers, printers, facsimiles, scanners, projectors, etc.


Similar Part No. - R1514S093B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1514S090B NISSHINBO-R1514S090B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results

Similar Description - R1514S093B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com