Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV1010AC70 Datasheet(PDF) 11 Page - Brilliance Semiconductor

Part # BS616LV1010AC70
Description  Very Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1010AC70 Datasheet(HTML) 11 Page - Brilliance Semiconductor

Back Button BS616LV1010AC70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 10Page - Brilliance Semiconductor BS616LV1010AC70 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
BS616LV2016
R0201-BS616LV2016
Revision
1.4
Nov.
2006
11
n Revision History
Revision No.
History
Draft Date
Remark
1.2
Add Icc1 characteristic parameter
Jan. 13, 2006
Improve Iccsb1 spec.
I-grade from
30uA to 20uA at 5.0V
5.0uA to 2.0uA at 3.0V
C-grade from 10uA to 6.0uA at 5.0V
3.0uA to 0.7uA at 3.0V
1.3
Change I-grade operation temperature range
May. 25, 2006
- from
–25OC to –40OC
1.4
Add 48-ball BGA package
Nov. 02, 2006


Similar Part No. - BS616LV1010AC70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010AC70 BSI-BS616LV1010AC70 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616LV1010AC70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016 BSI-BS616LV2016_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_08 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com