Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV2019DCP55 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV2019DCP55
Description  Very Low Power CMOS SRAM 256K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2019DCP55 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV2019DCP55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2019DCP55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Very Low Power CMOS SRAM
256K X 16 bit
BS616LV4017
R0201-BS616LV4017
Revision
1.3
May.
2006
1
Pb-Free and Green package materials are compliant to RoHS
n FEATURES
Ÿ Wide V
CC operation voltage : 2.4V ~ 5.5V
Ÿ Very low power consumption :
VCC = 3.0V
Operation current : 27mA (Max.) at 55ns
2mA (Max.) at 1MHz
Standby current :
0.25uA (Typ.)at 25
OC
VCC = 5.0V
Operation current : 65mA (Max.) at 55ns
10mA (Max.) at 1MHz
Standby current :
1.5uA (Typ.) at 25
OC
Ÿ High speed access time :
-55
55ns(Max.) at VCC=3.0~5.5V
-70
70ns(Max.) at VCC=2.7~5.5V
Ÿ Automatic power down when chip is deselected
Ÿ Easy expansion with CE and OE options
Ÿ I/O Configuration x8/x16 selectable by LB and UB pin.
Ÿ Three state outputs and TTL compatible
Ÿ Fully static operation
Ÿ Data retention supply voltage as low as 1.5V
n DESCRIPTION
The BS616LV4017 is a high performance, very low power CMOS
Static Random Access Memory organized as 262,144 by 16 bits and
operates form a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with typical CMOS standby
current of 0.25uA at 3.0V/25
OC and maximum access time of 55ns at
3.0V/85
OC.
Easy memory expansion is provided by an active LOW chip enable
(CE) and active LOW output enable (OE) and three-state output
drivers.
The BS616LV4017 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS616LV4017 is available in DICE form, JEDEC standard
44-pin TSOP II and 48-ball BGA package.
n POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=5.0V
VCC=3.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=5.0V
VCC=3.0V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BS616LV4017DC
DICE
BS616LV4017AC
BGA-48-0608
BS616LV4017EC
Commercial
+0
OC to +70OC
10uA
2.0uA
9mA
39mA
63mA
1.5mA
14mA
26mA
TSOP II-44
BS616LV4017AI
BGA-48-0608
BS616LV4017EI
Industrial
-40
OC to +85OC
20uA
4.0uA
10mA
40mA
65mA
2mA
15mA
27mA
TSOP II-44
n PIN CONFIGURATIONS
n BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
VCC
VSS
DQ4
DQ5
DQ6
DQ7
WE
A17
A16
A15
A14
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BS616LV4017EC
BS616LV4017EI
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
VSS
VCC
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
A12
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
NC
A12
A14
A13
A15
WE
D13
D5
D7
D6
A17
A16
A7
VSS
VCC
D12
D11
D4
D3
NC
A5
OE
A3
A0
A6
A4
A1
A2
NC
UB
D10
D1
CE
D2
D0
48-ball BGA top view
LB
D8
D9
VSS
VCC
D14
D15
NC
NC
A8
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A14
A16
A0 A1
Data
Input
Buffer
Control
DQ0
.
.
.
.
.
.
DQ15
A12
A11
A10
A9
A8
A5
A6
A7
A4
A3
16
16
16
16
8
256
4096
1024
10
A13
Data
Output
Buffer
A15
CE
WE
OE
UB
LB
VCC
VSS
A2
.
.
.
.
.
.
A17


Similar Part No. - BS616LV2019DCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2019DCP55 BSI-BS616LV2019DCP55 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019DCP55 BSI-BS616LV2019DCP55 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2019DCP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4017 BSI-BS616LV4017_08 Datasheet
247Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4016 BSI-BS616LV4016 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com