Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV8016DI55 Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS616LV8016DI55
Description  Very Low Power CMOS SRAM 512K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8016DI55 Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS616LV8016DI55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV8016DI55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
BS616LV8016
R0201-BS616LV8016
Revision
2.3
May.
2006
10
n Revision History
Revision No.
History
Draft Date
Remark
2.2
Add Icc1 characteristic parameter
Jan. 13, 2006
Improve Iccsb1 spec.
I-grade from
110uA to 50uA at 5.0V
10uA to 8.0uA at 3.0V
C-grade from 55uA to 25uA at 5.0V
5.0uA to 4.0uA at 3.0V
2.3
Change I-grade operation temperature range
May. 25, 2006
- from
–25OC to –40OC


Similar Part No. - BS616LV8016DI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8016DIG55 BSI-BS616LV8016DIG55 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016DIG70 BSI-BS616LV8016DIG70 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016DIP55 BSI-BS616LV8016DIP55 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016DIP70 BSI-BS616LV8016DIP70 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8016DI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_08 Datasheet
221Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com