Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1515S068B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1515S068B
Description  50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1515S068B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1515S068B Datasheet HTML 1Page - RICOH electronics devices division R1515S068B Datasheet HTML 2Page - RICOH electronics devices division R1515S068B Datasheet HTML 3Page - RICOH electronics devices division R1515S068B Datasheet HTML 4Page - RICOH electronics devices division R1515S068B Datasheet HTML 5Page - RICOH electronics devices division R1515S068B Datasheet HTML 6Page - RICOH electronics devices division R1515S068B Datasheet HTML 7Page - RICOH electronics devices division R1515S068B Datasheet HTML 8Page - RICOH electronics devices division R1515S068B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
R1515x SERIES
50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
NO.EA-153-070802
1
OUTLINE
The R1515x series are CMOS-based positive voltage regulator (VR) ICs featuring 50mA output current. The
R1515xxxxB has features of high input voltage and ultra-low supply current. A peak current limit circuit, a short
current limit circuit, and a thermal shutdown circuit are built in the R1515x series.
The operating temperature is
−40°C to 105°C and the maximum input voltage is 36V, the R1515x series are
very suitable for power source of car accessories.
The regulator output voltage is fixed in the R1515xxxxB and can be selected with a step of 0.1V in the range of
2.0V to 12.0V. Output voltage accuracy is
±2%.
The packages for these ICs are the SOT-89-5 for space saving and the HSOP-6J for higher power
applications.
FEATURES
• Input Voltage ......................................................... Max. 36V
• Supply Current ......................................................Typ. 9µA
• Standby Current ....................................................Typ. 0.1µA
• Temperature-Drift Coefficient of Output Voltage ...Typ. ±100ppm/°C
• Output Current ......................................................Min. 50mA (VIN=VOUT+3.0V; R1515x050B)
• Line Regulation .....................................................Typ. 0.05%/V
• Output Voltage Accuracy.......................................±2%
• Packages ..............................................................SOT-89-5, HSOP-6J
• Output Voltage Range...........................................Stepwise setting with a step of 0.1V in the range of 2.0V
to 12.0V is possible (refer to Selection Guide).
• Built-in Peak Current Limit Circuit
• Built-in Short Current Limit Circuit
• Built-in Thermal Shutdown Circuit
• Operating Temperature ......................................... −40°C to 105°C
APPLICATIONS
• Power source for home appliances such as refrigerators, rice cookers, electoric water warmers, etc.
• Power source for car audio equipment, car navigation system, ETC system, etc.
• Power source for notebook PCs, digital TVs, cordless phones, and private LAN system, etc.
• Power source for office equipment machines such as copiers, printers, facsimiles, scanners, projectors, etc.
• Power source for the backup circuit for keyless entry system, etc.


Similar Part No. - R1515S068B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1515S120B-E2-FE NISSHINBO-R1515S120B-E2-FE Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results

Similar Description - R1515S068B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7384 DIODES-AP7384 Datasheet
643Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
November 2018
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Diodes Incorporated
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com