Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG772BCPZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADG772BCPZ-REEL
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG772BCPZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG772BCPZ-REEL Datasheet HTML 3Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 4Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 5Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 9Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 10Page - Analog Devices ADG772BCPZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG772
Rev. 0 | Page 7 of 12
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
020
40
50
30
60
80
70
90
TEMPERATURE (°C)
ID,S (ON)++
ID,S (OFF)+
ID,S (ON)
ID,S (OFF) +
10
VDD = 3.3V
Figure 10. Leakage Current vs. Temperature, VDD = 3.3 V
0.8
0.9
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
020
40
60
80
10
30
50
70
90
TEMPERATURE (°C)
VDD = 2.5V
ID,S (ON)++
ID,S (OFF)+
ID,S (ON)
ID,S (OFF) +
Figure 11. Leakage Current vs. Temperature, VDD = 2.5 V
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–0.1
0
0
102030
40
50
60
70
80
90
TEMPERATURE (°C)
ID,S (ON)++
ID,S (OFF)+
ID,S (ON)
ID,S (OFF) +
Figure 12. Leakage Current vs. Temperature, VDD = 1.8 V
1.5
1.0
0.5
0
–0.5
–1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS (V)
2.0
TA = 25°C
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
Figure 13. Charge Injection vs. Source Voltage
12
10
8
6
4
2
0
60
020
40
80 85
–40
–20
TEMPERATURE (°C)
tON (1.8V)
tON (3.3V)
tON (2.7V)
tOFF (1.8V)
tOFF (2.7V)
tOFF (3.3V)
Figure 14. tON/tOFF Times vs. Temperature
–2
–4
–6
–8
–10
–12
–14
–16
–18
1
10
100
1000
FREQUENCY (MHz)
0
TA = 25°C
VDD = 3.3V, 2.5V, 1.8V
Figure 15. Bandwidth


Similar Part No. - ADG772BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG774A AD-ADG774A Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABRQ AD-ADG774ABRQ Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABRQ AD-ADG774ABRQ Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results

Similar Description - ADG772BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787 AD-ADG787 Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_16 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
TMUXHS221 TI-TMUXHS221_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 21P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
AUGUST 2022
TMUXHS221 TI-TMUXHS221_V01 Datasheet
948Kb / 17P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
   Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com