Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG772 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG772
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG772 Datasheet(HTML) 3 Page - Analog Devices

  ADG772 Datasheet HTML 1Page - Analog Devices ADG772 Datasheet HTML 2Page - Analog Devices ADG772 Datasheet HTML 3Page - Analog Devices ADG772 Datasheet HTML 4Page - Analog Devices ADG772 Datasheet HTML 5Page - Analog Devices ADG772 Datasheet HTML 6Page - Analog Devices ADG772 Datasheet HTML 7Page - Analog Devices ADG772 Datasheet HTML 8Page - Analog Devices ADG772 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG772
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD = 2.7 V to 3.6 V, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
6.7
Ω typ
VDD = 2.7 V, VS = 0 V to VDD, IS = 10 mA; see Figure 21
8.8
Ω max
On Resistance Match
0.04
Ω typ
VDD = 2.7 V, VS = 1.5 V, IS = 10 mA
Between Channels (∆RON)
0.2
Ω max
On Resistance Flatness (RFLAT (ON))
3.3
Ω typ
VDD = 2.7 V, VS = 0 V to VDD, IS = 10 mA
3.6
Ω max
LEAKAGE CURRENTS
VDD = 3.6 V
Source Off Leakage IS (Off )
±0.2
nA typ
VS = 0.6 V/3.3 V, VD = 3.3 V/0.6 V; see Figure 22
Channel On Leakage ID, IS (On)
±0.2
nA typ
VS = VD = 0.6 V or 3.3 V; see Figure 23
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
VIN = VINL or VINH
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS1
tON
9
ns typ
RL = 50 Ω, CL = 35 pF
12.5
13.5
ns max
VS = 2 V; see Figure 24
tOFF
6
ns typ
RL = 50 Ω, CL = 35 pF
9.5
10
ns max
VS = 2 V; see Figure 24
Propagation Delay
250
ps typ
RL = 50 Ω, CL = 35 pF
Propagation Delay Skew, tSKEW
20
ps typ
RL = 50 Ω, CL = 35 pF
Break-Before-Make Time Delay (tBBM)
5
ns typ
RL = 50 Ω, CL = 35 pF
3.4
2.9
ns min
VS1 = VS2 = 2 V; see Figure 25
Charge Injection
0.5
pC typ
VD = 1.25 V, RS = 0 Ω, CL = 1 nF; see Figure 26
Off Isolation
73
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
Channel-to-Channel Crosstalk
−90
dB typ
S1A to S2A/S1B to S2B; RL = 50 Ω, CL = 5 pF,
f = 1 MHz; see Figure 28
−80
dB typ
S1A to S1B/S2A to S2B; RL = 50 Ω, CL = 5 pF,
f = 1 MHz; see Figure 29
−3 dB Bandwidth
630
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 30
Data Rate
1260
Mbps typ
RL = 50 Ω, CL = 5 pF; see Figure 30
CS (Off )
2.4
pF typ
CD, CS (On)
6.9
pF typ
POWER REQUIREMENTS
VDD = 3.6 V
IDD
0.006
μA typ
Digital inputs = 0 V or 3.6 V
1
μA max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG774A AD-ADG774A Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABRQ AD-ADG774ABRQ Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABRQ AD-ADG774ABRQ Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results

Similar Description - ADG772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787 AD-ADG787 Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_16 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
TMUXHS221 TI-TMUXHS221_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 21P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
AUGUST 2022
TMUXHS221 TI-TMUXHS221_V01 Datasheet
948Kb / 17P
[Old version datasheet]   TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
   Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com