Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2043T Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R2043T
Description  4-wire Serial Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2043T Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R2043T Datasheet HTML 2Page - RICOH electronics devices division R2043T Datasheet HTML 3Page - RICOH electronics devices division R2043T Datasheet HTML 4Page - RICOH electronics devices division R2043T Datasheet HTML 5Page - RICOH electronics devices division R2043T Datasheet HTML 6Page - RICOH electronics devices division R2043T Datasheet HTML 7Page - RICOH electronics devices division R2043T Datasheet HTML 8Page - RICOH electronics devices division R2043T Datasheet HTML 9Page - RICOH electronics devices division R2043T Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
R2043K/T
12345
Rev.2.06
- 6 -
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VSS=0V,Topt=-40 to +85
°C
Input and Output Conditions: VIH=0.8
×VDD,VIL=0.2×VDD,VOH=0.8×VDD,VOL=0.2×VDD,CL=50pF
VDD
≥1.7V
Symbol
Item
Condi-
tions
Min.
Typ.
Max.
Unit
tCES
CE Set-up Time
400
ns
tCEH
CE Hold Time
400
ns
tCR
CE Recovery Time
62
µs
fSCLK
SCLK Clock Frequency
1.0
MHz
tCKH
SCLK Clock High Time
400
ns
tCKL
SCLK Clock Low Time
400
ns
tCKS
SCLK Set-up Time
200
ns
tRD
Data Output Delay Time
300
ns
tRZ
Data Output Floating Time
300
ns
tCEZ
Data Output Delay Time
After Falling of CE
300
ns
tDS
Input Data Set-up Time
200
ns
tDH
Input Data Hold Time
200
ns
SCLK
tCES
SI
CE
tRD
tCKL
tCEZ
tDS
tDH
tRD
tCEH
tCKH
tCKS
tCR
tRZ
SO
*)
For reading/writing timing, see “P.28
Adjustment of Oscillation frequency”.


Similar Part No. - R2043T

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
More results

Similar Description - R2043T

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C348A-E2-F RICOH-RS5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
Epson Company
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
   4-wire serial interface high-stability RTC module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com