Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1232D331B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1232D331B
Description  PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1232D331B Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1232D331B Datasheet HTML 1Page - RICOH electronics devices division R1232D331B Datasheet HTML 2Page - RICOH electronics devices division R1232D331B Datasheet HTML 3Page - RICOH electronics devices division R1232D331B Datasheet HTML 4Page - RICOH electronics devices division R1232D331B Datasheet HTML 5Page - RICOH electronics devices division R1232D331B Datasheet HTML 6Page - RICOH electronics devices division R1232D331B Datasheet HTML 7Page - RICOH electronics devices division R1232D331B Datasheet HTML 8Page - RICOH electronics devices division R1232D331B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
R1232D
5
ELECTRICAL CHARACTERISTICS
R1232DxxxA/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
2.6
5.5
V
VOUT
Step-down Output Voltage
VIN
=VCE=5.0V, IOUT=10mA
×0.980
×1.020
V
VFB
Feedback Voltage
VIN
=VCE=5.0V, IOUT=10mA
0.784
0.800
0.816
V
∆VOUT/∆Topt
Step-down Output Voltage
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±150
ppm/
°C
fosc
Oscillator Frequency
VIN
=VCE =VSET +1.5V
0.75
1.00
1.25
MHz
IDD
Supply Current
VIN
=VCE =5.5V, VOUT=5.5V
70
140
190
µA
Istandby
Standby Current
VCE
=VOUT=0V, VIN= 5.5V
0.0
5.0
µA
ILXleak
LX Leakage Current
VIN
=5.5V,VCE=0V
VLX
=0V/5.5V
−5.0
0.0
5.0
µA
RONP
ON Resistance of Pch Transistor VIN
=5.0V, ILX=200mA
0.20
0.35
RONN
ON Resistance of Nch Transistor VIN
=5.0V, ILX=200mA
0.20
0.35
Maxduty
Oscillator Maximum Duty Cycle
100
%
tstart
Soft-start Time
VIN
=VCE =5.0V, at no load
0.5
1.0
1.4
ms
tprot
Protection Delay Time
VIN
=VCE =5.0V
0.1
2.0
10.0
ms
ILXlimit
Lx Current Limit
VIN
=VCE =5.0V
1.0
1.4
A
VUVLO1
UVLO Detector Threshold
VIN
=VCE =2.6V-> 1.5V
2.10
2.25
2.40
V
VUVLO2
UVLO Released Voltage
VIN
=VCE =1.5V-> 2.6V
2.20
VUVLO1
+0.10
2.50
V
ICE
CE Input Current
VIN
=5.5V, VCE =5.5V/0V
−0.1
0.0
0.1
µA
IVOUT
VOUT Leakage Current
VIN
=5.5V, VCE =0V,
VOUT
=5.5V/0V
−0.1
0.0
0.1
µA
VCEH
CE "H" Input Voltage
VIN
=5.5V
1.5
V
VCEL
CE "L" Input Voltage
VIN
=3.0V
0.3
V
VTESTL
TEST pin "L" Input Voltage
VIN
=3.0V
0.3
V


Similar Part No. - R1232D331B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1232D331B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Analog Devices
ADP3051 AD-ADP3051 Datasheet
428Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
REV. 0
ADP3051 AD-ADP3051_15 Datasheet
437Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com