Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1154N073B Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1154N073B
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154N073B Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1154N073B Datasheet HTML 4Page - RICOH electronics devices division R1154N073B Datasheet HTML 5Page - RICOH electronics devices division R1154N073B Datasheet HTML 6Page - RICOH electronics devices division R1154N073B Datasheet HTML 7Page - RICOH electronics devices division R1154N073B Datasheet HTML 8Page - RICOH electronics devices division R1154N073B Datasheet HTML 9Page - RICOH electronics devices division R1154N073B Datasheet HTML 10Page - RICOH electronics devices division R1154N073B Datasheet HTML 11Page - RICOH electronics devices division R1154N073B Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
R1154x
8
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
R1154x025B
R1154x025B
3
2
1.5
2.5
1
0.5
0
0
200
100
300
Output Current IOUT(mA)
VIN=3.5V
4.0V
4.5V
5.5V
Topt=25˚C
3
2
1.5
2.5
1
0.5
0
0
200
100
300
Output Current IOUT(mA)
-40˚C
105˚C
25˚C
VIN=4.5V
R1154x030B
R1154x030B
3.5
3
2
1.5
2.5
1
0.5
0
0
200
100
300
Output Current IOUT(mA)
VIN=4.0V
4.5V
5.0V
6.0V
Topt=25˚C
3.5
3
2
1.5
2.5
1
0.5
0
0
200
100
300
Output Current IOUT(mA)
-40˚C
105˚C
25˚C
VIN=5.0V
R1154x050B
R1154x050B
6
4
3
5
2
1
0
0
200
100
300
Output Current IOUT(mA)
VIN=6.0V
6.5V
7.0V
8.0V
Topt=25˚C
6
4
3
5
2
1
0
0
200
100
300
Output Current IOUT(mA)
25˚C
105˚C
-40˚C
VIN=7.0V


Similar Part No. - R1154N073B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N075B-TR-FE RICOH-R1154N075B-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154N075C-TR-FE RICOH-R1154N075C-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results

Similar Description - R1154N073B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com