Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HERAF1003G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HERAF1003G
Description  Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERAF1003G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HERAF1003G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERAF1003G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HERAF1001G - HERAF1008G
Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
ITO-220AC
.071(1.8)
MAX
.161(4.1)
.146(3.7)
.118(3.00)
.124(3.16)
.185(4.7)
.173(4.4)
.272(6.9)
.248(6.3)
.063(1.6)
MAX
.100(2.55)
.543(13.8)
.512(13.2)
.100(2.55)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)
.390(9.90)
.134(3.4)DIA
.113(3.0)DIA
.043(1.1)
.020(0.5)
.035(0.9)
.055(1.4)
.030(0.76)
.020(0.50)
2
PIN 1
PIN 2
Case Positive
CASE
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Cases: ITO-220AC molded plastic
Epoxy: UL 94V0 rate flame retardant
Terminals: Pure tin plated, lead free solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds 0.25”,(6.35mm) from case.
Mounting torque : 5 in – 1bs. max.
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HERAF
1001G
HERAF
1002G
HERAF
1003G
HERAF
1004G
HERAF
1005G
HERAF
1006G
HERAF
1007G
HERAF
1008G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current @TC =100
oC
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@10.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
10
400
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
80
nS
Typical Junction Capacitance ( Note 2 )
Cj
80
60
pF
Typical Thermal Resistance (Note 3)
RθJC
2.0
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D. C.
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.


Similar Part No. - HERAF1003G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF1003G TSC-HERAF1003G Datasheet
623Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1003G TSC-HERAF1003G Datasheet
205Kb / 2P
   10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
More results

Similar Description - HERAF1003G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1001G TSC-HERF1001G_1 Datasheet
344Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1001G TSC-HERAF1001G_10 Datasheet
623Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G_10 Datasheet
604Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G_1 Datasheet
353Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERF1001G TSC-HERF1001G Datasheet
75Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_1 Datasheet
296Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERF1601G TSC-HERF1601G_1 Datasheet
344Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_10 Datasheet
638Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_1 Datasheet
268Kb / 2P
   Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com